| Zakładka z wyszukiwarką danych komponentów |
|
AVR-M2012 Arkusz danych(PDF) 13 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
AVR-M2012 Arkusz danych(HTML) 13 Page - TDK Electronics |
|
13 / 14 page ![]() (13/14) 20231012 / vpd_automotive_varistors_avr_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. Voltage Protection Devices Chip varistors Automotive grade REEL DIMENSIONS PACKAGE QUANTITY / INDIVIDUAL WEIGHT TAPE DIMENSIONS Packaging style Product compatible with RoHS directive Compatible with lead-free solders AEC-Q200 ø180 ±2.0 2.0 ±0.5 ø13 ±0.2 ø21 ±0.8 Dimensions in mm 0.8 14.0max. 9.0max. Type Package quantity Individual weight (pieces/reel) (mg) 1005 10,000 1.3 1608 4,000 5.3 2012 2,000 13.0 Dimensions in mm Type A B P1 T 1005 0.65+0.05/–0.1 1.15+0.05/–0.1 2±0.05 0.65max. 1608 1.1±0.2 1.9±0.2 4±0.1 1.1max. 2012 1.6±0.2 2.3±0.2 4±0.1 1.7max. 4.0±0.1 2.0±0.05 A P1 T 1.5 +0.1 0 Dimensions in mm 160min. Taping 200min. 200min. Drawing direction |