Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PBA4BZSWIHTE Arkusz danych(PDF) 1 Page - Saia-Burgess

Numer części PBA4BZSWIHTE
Szczegółowy opis  Microswitch Push Button
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAIA-BURGESS [Saia-Burgess]
Strona internetowa  
Logo SAIA-BURGESS - Saia-Burgess

PBA4BZSWIHTE Arkusz danych(HTML) 1 Page - Saia-Burgess

  PBA4BZSWIHTE Datasheet HTML 1Page - Saia-Burgess PBA4BZSWIHTE Datasheet HTML 2Page - Saia-Burgess PBA4BZSWIHTE Datasheet HTML 3Page - Saia-Burgess PBA4BZSWIHTE Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.saia-burgess.com
saia-burgess Switches
QA4/PBA4
Microswitch Push Button
Momentary
QA4/PBA4
Panel cut-out (mm)
 6.1
Characteristics ■
for use with V4N/V4NC series
■
long overtravel up to 5 mm
■
simple clip-on attachment
■
round or square bezels
■
push button options
Rating
250 VAC, 5 A
Dimensions (mm)
20  6.45  38.3
Actuator ■
stainless steel plunger
■
polyamide (PA 6.6) plunger
Approvals
UL, CSA
Preferred Range
Ordering Reference Basic
Sealing
Actuator
switch
Button
Bezel
kit
kit
V4NCT7
PBRR
BZR
PBSLK
QA4
86 |
87
Inhalt_englisch_1.indd 87
7.12.2005 13:59:11 Uhr


Podobny numer części - PBA4BZSWIHTE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Banner Engineering Corp...
PBA4100T5X BANNER-PBA4100T5X Datasheet
15Mb / 42P
Fiber Optic Systems
PBA4100TMB5X BANNER-PBA4100TMB5X Datasheet
15Mb / 42P
Fiber Optic Systems
PBA4100UCX BANNER-PBA4100UCX Datasheet
15Mb / 42P
Fiber Optic Systems
PBA4100UHFX BANNER-PBA4100UHFX Datasheet
15Mb / 42P
Fiber Optic Systems
PBA4100UX BANNER-PBA4100UX Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Podobny opis - PBA4BZSWIHTE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CW Industries
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
logo
Bud Industries, Inc.
SPB-3901 BUD-SPB-3901 Datasheet
111Kb / 1P
PUSH BUTTON BOXES
logo
Elektron Components Ltd...
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
Push Button
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
Push Button
logo
CW Industries
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
M141T02-AC0300D ETC2-M141T02-AC0300D Datasheet
260Kb / 2P
Microswitch SPDT, Button
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
Schneider Electric
9001KR25GM SCHNEIDER-9001KR25GM Datasheet
151Kb / 5P
Momentary Push Button
Dec 23, 2021
logo
Littelfuse
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com