Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PBA4BZSWIHTE Arkusz danych(PDF) 2 Page - Saia-Burgess

Numer części PBA4BZSWIHTE
Szczegółowy opis  Microswitch Push Button
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAIA-BURGESS [Saia-Burgess]
Strona internetowa  
Logo SAIA-BURGESS - Saia-Burgess

PBA4BZSWIHTE Arkusz danych(HTML) 2 Page - Saia-Burgess

  PBA4BZSWIHTE Datasheet HTML 1Page - Saia-Burgess PBA4BZSWIHTE Datasheet HTML 2Page - Saia-Burgess PBA4BZSWIHTE Datasheet HTML 3Page - Saia-Burgess PBA4BZSWIHTE Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.saia-burgess.com
saia-burgess Switches
QA4/PBA4
Specifications
Clip-on frame
Glass fibre reinforced polyamide (PA 6.6)
Bezel
ABS polymer - black (PBA4 only)
Cowl
Synthetic rubber (PBA4 only)
"O"-Ring
Nitrile (PBA4 only)
Locknut
Brass nickel plate
Button/Plunger
ABS polymer (PBA4) Stainless steel (QA4)
Basic switches
V4NC (see pages 52 to 55)
Temperature range ºC
-10°C to +85°C
Mechanical Life
5  106 cycles minimum (Mechanism 2  106 cycles minimum) (Impact free actuation)
Mounting mm (in)
Single hole  6.4 (0.25) suitable for panels up to 8.0 (0.3) thick
Torque max. Nm
0.4 to be applied to locknut
Dimensions
QA4
PBA4
88 | 89
Cinfiguration
Basic switch
V4NC... See pages 52 to 55
V4N... See page 56 to 59
Inhalt_englisch_1.indd 88
7.12.2005 13:59:12 Uhr



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com