Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC1292 Arkusz danych(PDF) 3 Page - Raspberry Pi Holdings PLC

Numer części SC1292
Szczegółowy opis  Raspberry Pi 500
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Strona internetowa  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1292 Arkusz danych(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC1292 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 8Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Raspberry Pi 500 – Raspberry Pi Ltd
Specification
Processor:
2.4GHz quad-core 64-bit Arm Cortex-A76 CPU, with
cryptography extensions, 512KB per-core L2 caches and a
2MB shared L3 cache
Memory:
8GB LPDDR4X-4267 SDRAM
Connectivity:
Dual-band (2.4GHz and 5.0GHz) IEEE 802.11b/g/n/ac Wi-Fi®
Bluetooth 5.0, BLE
Gigabit Ethernet
2 × USB 3.0 ports and 1 × USB 2.0 port
GPIO:
Horizontal 40-pin GPIO header
Video & sound:
2 × micro HDMI ports (supports up to 4Kp60)
Multimedia:
H.265 (4Kp60 decode);
OpenGL ES 3.0 graphics
SD card support:
microSD card slot for operating system and data storage
Keyboard:
78-, 79- or 83-key compact keyboard
(depending on regional variant)
Power:
5V DC via USB connector
Operating temperature:
0°C to +50°C
Dimensions:
286 mm × 122 mm × 23 mm (maximum)
Production lifetime:
Raspberry Pi 500 will remain in production until at least
January 2034
Compliance:
For a full list of local and regional product approvals, please
visit pip.raspberrypi.com
List price:
See table below
microSD card slot 2 × micro HDMI
USB 2.0
2 × USB 3.0
GPIO header
Gigabit Ethernet
USB-C power



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com