Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC1292 Arkusz danych(PDF) 4 Page - Raspberry Pi Holdings PLC

Numer części SC1292
Szczegółowy opis  Raspberry Pi 500
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Strona internetowa  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1292 Arkusz danych(HTML) 4 Page - Raspberry Pi Holdings PLC

  SC1292 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC1292 Datasheet HTML 8Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Raspberry Pi 500 – Raspberry Pi Ltd
Buying options
Product and
regional variant
Keyboard
layout
microSD card
Power
supply
Mouse
HDMI cable Beginner's
Guide
Price*
Raspberry Pi 500
Desktop Kit, UK
UK
32GB microSD card,
pre-programmed
with Raspberry Pi OS
UK
Yes
1 × micro
HDMI to
HDMI-A
cable, 1 m
English
$120
Raspberry Pi 500
Desktop Kit, US
US
US
English
Raspberry Pi
500, UK
UK
32GB microSD card,
pre-programmed
with Raspberry Pi OS
Not included in unit-only option
$90
Raspberry Pi
500, US
US
* price excludes sales tax, any applicable import duty, and local shipping costs



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com