Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

27273 Arkusz danych(PDF) 3 Page - Wiha Tools

Numer części 27273
Szczegółowy opis  PicoFinish® Precision Screwdrivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WIHA [Wiha Tools]
Strona internetowa  https://www.wihatools.com/
Logo WIHA - Wiha Tools

27273 Arkusz danych(HTML) 3 Page - Wiha Tools

  27273 Datasheet HTML 1Page - Wiha Tools 27273 Datasheet HTML 2Page - Wiha Tools 27273 Datasheet HTML 3Page - Wiha Tools 27273 Datasheet HTML 4Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7-Piece PicoFinish® Precision
Slotted & Phillips Set with ESD Safe
Dissipative Handles Blade high alloy MoV
steel, hardened, hard chrome. Handle
manufactured from impact resistant, dissipative
material. ESD standard IEC 61340-5-1
Item
Slotted:
No.
1.5, 2.0, 2.5, 3.5mm
Phillips:
#00, 0, 1
27392
27392
Molded Precision handle
Impact resistant dissipative material
Tapered handle allows rapid rotation
Blade MoV steel, hardened, hard chrome finish
Tip Precision ground for exact fit, Wiha Chromtop finish
Rotating cap
For precise turning & control with fingertip
Wiha PicoFinish® Precision ESD Static Dissipative Screwdrivers
meet the requirements for tools used in static sensitive areas
Surface resistance of handles is 106 - 109 Ohms
ESD Standard IEC 61340-5-1
11-Piece Smartphone ESD Safe
PicoFinish® & Standard Precision Set Blade
high alloy MoV steel, hardened, hard chromed.
Item
Slotted: 1.5mm
No.
Phillips: #000, #00, #0
: T3, T4, T5, T6
Tweezers: PSF SA ESD Long
Flat Tweezers
Standard Precision Screwdrivers:
Pentalobe: PL1
Y-Type: #000
27394
27394
8-Piece PicoFinish® Precision
Slotted & Phillips Set, ESD Safe Dissipative
Handle Blade high alloy MoV steel, hardened,
hard chromed. Handle manufactured from
impact resistant, dissipative material.
ESD standard IEC 61340-5-1.
Item
Slotted:
No.
1.5, 2.0, 2.5, 3.0mm
Phillips:
#000, 00, 0, 1
27396
27396
D
7-Piece PicoFinish® Precision Hex
Metric Set, ESD Safe Dissipative Handle
Blade MoV steel, hardened, hard chromed.
Handle impact resistant, dissipative material.
Item
Hex Metric:
No.
.7, .9, 1.3, 1.5,
2.0, 2.5, 3.0mm
ESD standard IEC 61340-5-1
27589
27589
7-Piece PicoFinish® Precision
Set, ESD Safe Dissipative Handle
Blade high alloy MoV steel, hardened, hard
chromed. Handle manufactured from impact
resistant, dissipative material.
Item
:
No.
T4, T5, T6, T7,
T8, T9, T10
ESD standard
IEC 61340-5-1
D
27892
27892
D
PicoFinish® Precision Handle -
ESD Safe Precision handle high quality plastic,
Dissipative material. Holds 4mm MicroBits.
Item
No.
mm
Inch
100
4.0
Surface resistance of handles
is 106 - 109 Ohms
75804
75804
D
D
In roll-up
storage
pouch
In roll-up
storage
pouch
List
$9.26
List
$60.40
List
$70.78
List
$110.48
List
$63.46
List
$75.46



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com