Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

27273 Arkusz danych(PDF) 4 Page - Wiha Tools

Numer części 27273
Szczegółowy opis  PicoFinish® Precision Screwdrivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WIHA [Wiha Tools]
Strona internetowa  https://www.wihatools.com/
Logo WIHA - Wiha Tools

27273 Arkusz danych(HTML) 4 Page - Wiha Tools

  27273 Datasheet HTML 1Page - Wiha Tools 27273 Datasheet HTML 2Page - Wiha Tools 27273 Datasheet HTML 3Page - Wiha Tools 27273 Datasheet HTML 4Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8-Piece PicoFinish® Precision
Inch Nut Driver Set, with ESD Safe
Dissipative Handles Blade MoV steel,
hardened, hard chromed. In roll-up pouch
Item
Inch Nut Drivers:
No.
3/32, 7/64, 1/8, 9/64,
5/32, 3/16, 7/32, 1/4”
8-Piece PicoFinish® Precision
Metric Nut Driver Set with ESD Safe
Dissipative Handle Blade MoV steel,
hardened, hard chromed. In roll-up pouch
Item
Metric Nut Drivers:
No.
1.5, 2.0, 2.5, 3.0,
3.5, 4.0, 5.0, 5.5mm
ESD standard IEC 61340-5-1
ESD standard IEC 61340-5-1
27792
27792
27789
27789
11 pc. ESD Safe PicoFinish®
Screwdrivers, Pliers & Cutters
5.25” Diagonal Cutters
4.5” Full Flush Tapered Cutters
4.75” Short Snipe Nose Pliers
5.75” Long Needle Nose Pliers
PicoFinish Precision® Screwdrivers
Slotted: 2.0, 2.5, 3.0 & 3.5mm
Phillips: #00, 0 & 1
11-Piece ESD Safe Precision
PicoFinish® Screwdrivers & Pliers Set
Pliers drop-forged for an ideal material structure.
Two component non-slip soft grip handle. Blade
MoV steel, hardened, hard chromed.
32794
26 Piece ESD Safe Pliers, Precision
PicoFinish® Screwdrivers, Micro Bit Set & ESD
Tweezers Set in Canvas Pouch
ESD Safe Pliers & Cutters
5.25” Diagonal Cutters
4.5” Full Flush Tapered Cutters
4.75” Short Snipe Nose Pliers
5.75” Long Needle Nose Pliers
ESD Safe Slotted & Phillips Precision Drivers
Slotted: 2.0, 2.5, 3.0, 3.5mm & Phillips: 00, 0, 1
ESD Micro Bit Handle, Micro Bit Extension
& 14 Micro Bits 4mm
Hex: .7, .9, 1.3, 1.5, 2.0, 2.5, 3.0mm
Torx®: T4, T5, T6, T7, T9, T10
ESD Safe Tweezers: 00 SA ESD -
120mm Heavy Duty Strong, Tapered To Strong Point
26-Piece Precision PicoFinish®
Screwdrivers, Pliers, Precision Micro
Bit Set & ESD Safe Tweezers ESD Pliers
glare free, black finish, ESD Safe non-slip
soft grips. ESD Safe PicoFinish® Slotted &
Phillips screwdrivers, MoV tool steel blades.
Precision ESD Safe Micro Bit handle holds
Micro Bit extension and 4mm Micro bits. Anti-
static Tweezers conductive, ESD Safe Hypo
allergenic, anti-magnetic stainless.
Surface resistance of handles
is 106 - 109 Ohms
D
45892
45892
Master Technicians Bench Top Set
Metal frame. Equipped with 50 precision ESD
Safe screwdrivers.
Item
Slotted: .8, 1.0, 1.2, 1.5, 2.0, 2.5,
No.
3.0, 3.5, 4.0mm
Phillips: #000, #00, #0, #1
: T1, T2, T3, T4, T5, T6,
T7, T8, T9, T10, T15, T20
Metric Hex: .7, .9, 1.3, 1.5, 2.0,
2.5, 3.0mm
Inch Hex: 1/16, 3/32, 7/64, 1/8”
Metric Nut Drivers: 1.5, 2.0, 2.5,
3.0, 3.5, 4.0, 4.5, 5.0, 5.5mm
Inch Nut Drivers:
1/8, 5/32, 3/16, 1/4”
3.5mm x 50mm Chip Lifter
ESD standard IEC 61340-5-1
92093
92093
32794
D
D
D
D
*All single screwdrivers are sold in
packs of 10
Subject to change without notice
©2020 Willi Hahn Corporation
Flyer #99949
In roll-up
storage
pouch
In roll-up
storage
pouch
List
$99.78
List
$99.78
List $263.16
List $274.76
List
$416.56
Wiha Tools, Ltd.
1348 Dundas Circle
Monticello, MN 55362
Tel 800.494.6104
Fax 763.295.6598
Cservice@wihatools.com
www.wihatools.com



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com