| Zakładka z wyszukiwarką danych komponentów |
|
36294 Arkusz danych(PDF) 19 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36294 Arkusz danych(HTML) 19 Page - Wiha Tools |
|
19 / 40 page ![]() 19 Wiha MagicSpring Tools MagicSpring Screw Holding Driver, With Wiha-SoftFinish® Handle Round blade high alloy CVMm steel, hardened, hard chromed. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T6 60 2.4 3.5 .139 164 6.5 .07 10 T7 60 2.4 3.5 .139 164 6.5 .07 10 T8 60 2.4 3.5 .139 164 6.5 .07 10 T9 60 2.4 4.0 .157 171 6.7 .11 10 T10 80 3.1 4.0 .157 191 7.5 .11 10 T15 80 3.1 4.0 .157 191 7.5 .11 10 T20 100 3.9 4.0 .157 211 8.3 .16 10 T25 100 3.9 4.5 .177 211 8.3 .17 10 T27 115 4.5 5.5 .216 233 9.2 .20 10 T30 115 4.5 6.0 .236 233 9.2 .21 10 Set 6 Pcs. MagicSpring Screw Holding SoftFinish Screwdrivers Round blade high alloy CVM steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips. Molded on. Item No. Size mm Size mm lbs. T8 60 T20 100 .98 T10 80 T25 100 T15 80 T30 115 Set 6 Pcs. MagicSpring Screw Holding Screwdriver, With Wiha- Precision PicoFinish Handle Blade high alloy CVM steel, hardened, hard chromed. Molded on ergonomic Wiha-Pico Finish precision handle, molded on, soft grips. Item No. Size mm Size mm lbs. T6 40 T9 50 .45 T7 40 T10 50 T8 40 T15 60 MagicSpring Screw Holding Driver, With Wiha-Precision PicoFinish Handle Blade high alloy CVM steel, hardened, hard chromed. Molded on ergo Wiha-Pico Finish precision handle, molded on, soft grips. Item No. Size mm Inch mm Inch lbs. T6 40 1.6 140 5.5 .03 T7 40 1.6 140 5.5 .03 T8 40 1.6 140 5.5 .03 T9 50 2.0 150 5.9 .04 T10 50 2.0 150 5.9 .04 T15 60 2.4 160 6.3 .04 Stainless Rotary Spring *MagicSpring tools will hold Torx® screws made to CamCar Textron Torx® specifications Screw Holding TORX® MagicSpring Screw Holding driver, With Wing Handle Ideal for use with indexable carbide tooling and also for working in confined spaces. Blade high alloy CVM steel, hardened, black finish. Wing handle high quality plastic, impact resistant. Molded on. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T6 35 1.4 70 2.7 40 1.6 .01 10 T7 35 1.4 70 2.7 40 1.6 .02 10 T8 40 1.6 75 3.0 40 1.6 .02 10 T9 40 1.6 75 3.0 40 1.6 .02 10 T10 40 1.6 75 3.0 40 1.6 .02 10 T15 45 1.8 80 3.1 40 1.6 .02 10 T20 45 1.8 80 3.1 40 1.6 .02 10 MagicSpring Screw Holding Wing Handle Set, Pc. in Metal Stand Equipped with T6, T7, T8, T9, T10, T15, T20 .36 lbs. Screw Holding Tools • Laser welded assembly • Holds screws securely • Won’t damage screws • Doesn’t weaken tool • Exact fit tips • Hardened tool steel blades • Holds standard Torx screws* Wiha-Chromtop finish on tips Wiha-SoftFinish® handle, multi- component, cushion grips Stainless Rotary Spring pkg. 10 10 10 10 10 10 www.wihatools.com 362 36202 36203 36207 36234 36244 36249 36254 36256 36257 36258 267 26721 26723 26725 26727 26729 26731 36290 36290 26798 26798 36556 36557 36558 36559 36560 36561 36562 365 36598 |