| Zakładka z wyszukiwarką danych komponentów |
|
36294 Arkusz danych(PDF) 6 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36294 Arkusz danych(HTML) 6 Page - Wiha Tools |
|
6 / 40 page ![]() 6 Wiha SoftFinish® ESD Safe Handle ESD Safe Driver, Wiha-SoftFinish® Handle DIN EN 61340-5-1/61340-5-2 Round blade, CVM steel, hardened, hard chromed. Offers protection against electrostatic discharge. Dissipative SoftFinish® cushion grip handle, multi-component. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T3 60 2.4 3.5 .139 164 6.5 .06 10 T4 60 2.4 3.5 .139 164 6.5 .06 10 T5 60 2.4 3.5 .139 164 6.5 .06 10 T6 60 2.4 3.5 .139 164 6.5 .06 10 T8 60 2.4 3.5 .139 164 6.5 .06 10 T9 60 2.4 4.0 .157 171 6.7 .10 10 T10 80 3.1 4.0 .157 191 7.5 .11 10 T15 80 3.1 4.0 .157 191 7.5 .11 10 T20 100 3.9 4.0 .157 211 8.3 .11 10 ESD Safe (106-109 Ohm) Security Screwdriver With Wiha-SoftFinish® Handle Round blade high alloy CVM steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T7s 60 2.4 3.5 .139 164 6.5 .06 10 T8s 60 2.4 3.5 .139 164 6.5 .06 10 T9s 60 2.4 4.0 .157 171 6.7 .10 10 T10s 80 3.1 4.0 .157 191 7.5 .11 10 T15s 80 3.1 4.0 .157 191 7.5 .11 10 T20s 100 3.9 4.0 .157 211 8.3 .11 10 T25s 100 3.9 4.5 .177 211 8.3 .11 10 T27s 115 4.5 5.5 .216 233 9.2 .19 10 T30s 115 4.5 6.0 .236 233 9.2 .20 10 T40s 130 5.1 7.0 .275 254 10.0 .28 10 7 Pcs. Security Set Item No. Size mm Size mm lbs. T7s 60 T15s 80 .95 T8s 60 T20s 100 T9s 60 T25s 100 T10s 80 Set 6 Pcs. ESD Safe Screwdrivers Item No. T6, T8, T9, T10, T15, T20 lbs. .81 10 Pcs. Security Set Item No. Size mm Size mm lbs. T7s 60 T20s 100 1.5 T8s 60 T25s 100 T9s 60 T27s 115 T10s 80 T30s 115 T15s 80 T40s 130 Wiha Security Drivers ESD Safe 5 Piece Interchangeable Blade Set Includes ESD Safe handle & 4 interchangeable blades. Item lbs. No. .75 TORX®: T6, T7, T8, T9, T10, T15, T20, T25 Wiha ESD Safe Handle In Durable Pouch Wiha ESD Safe Interchangeable Blade Set D D D ESD Safe (106-109 Ohm) Toll Free: (800) 494-6104 362 36269 36271 36273 36275 36277 36279 36281 36283 36285 36287 36298 36298 36259 36259 362 36260 36204 36200 36206 36208 36209 36218 36219 36224 36289 36289 10893 10893 |