Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RB24GD1221 Arkusz danych(PDF) 4 Page - E-SWITCH

Numer części RB24GD1221
Szczegółowy opis  RB 2 Series Rocker Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  E-SWITCH [E-SWITCH]
Strona internetowa  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RB24GD1221 Arkusz danych(HTML) 4 Page - E-SWITCH

  RB24GD1221 Datasheet HTML 1Page - E-SWITCH RB24GD1221 Datasheet HTML 2Page - E-SWITCH RB24GD1221 Datasheet HTML 3Page - E-SWITCH RB24GD1221 Datasheet HTML 4Page - E-SWITCH RB24GD1221 Datasheet HTML 5Page - E-SWITCH RB24GD1221 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.e-switch.com
800.867.2717
4
rb2 SerieS rocker Switch
Body dimensions
schematic options
panel cutout
SHEET OF
3
5
RB2 Catalog Drawing 8/24/2017
POS. 3
FUNCTION
POS. 1
POS. 2
2
1
3
1
4
5
4
1
2
2 - POSITION
6
5
4
1
2
3
3 - POSITION
2
5
4
2 - POSITION
ILLUMINATED
1
2 POLE VERSION
SHOWN WITH E - RATED BODY
TERMINAL - 4 (6.3mm TAB)
PANEL THICKNESS
(x)
TOLERANCE
0.75 - 1.25
30.0
+/- 0.1
1.25 - 2.00
30.2
+/- 0.1
2.00 - 3.00
30.5
+/- 0.1
2
OFF
NONE
ON
E
OFF
NONE
(ON)
G
ON
NONE
ON
H
ON
NONE
(ON)
6
ON
OFF
ON
J
ON
OFF
(ON)
K
(ON)
OFF
(ON)
TERMINAL
CLOSURE
2-1, 5-4
OPEN
2-3, 5-6
(x)
22.00 -.00
.10
+
.866 -.000
.004
+
in
[
]
( ) = MOMENTARY
2
POS.
1
POS.
3
POS.
25.00
[.984 in]
32.00
[1.260 in]
25.50
[1.004 in]
19.00
[.748 in]
26.80
[1.055 in]
16.80
[.661 in]
26.30 - .00
1.00
+
1.035 -.000
.039
+
in
[
]
.80
[.031 in]
11.00
[.433 in]
11.00
[.433 in]
27.00
[1.063 in]
21.50
[.846 in]
7.50
[.295 in]
2.20
[.087 in]
6.30
[.248 in]
10.80
[.425 in]
THIS TERMINAL
ONLY ON
3 - POSITION
SWITCHES



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com