Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RB24GD1221 Arkusz danych(PDF) 1 Page - E-SWITCH

Numer części RB24GD1221
Szczegółowy opis  RB 2 Series Rocker Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  E-SWITCH [E-SWITCH]
Strona internetowa  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RB24GD1221 Arkusz danych(HTML) 1 Page - E-SWITCH

  RB24GD1221 Datasheet HTML 1Page - E-SWITCH RB24GD1221 Datasheet HTML 2Page - E-SWITCH RB24GD1221 Datasheet HTML 3Page - E-SWITCH RB24GD1221 Datasheet HTML 4Page - E-SWITCH RB24GD1221 Datasheet HTML 5Page - E-SWITCH RB24GD1221 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.e-switch.com
800.867.2717
1
• High Quality and Reliable Switch
• Industry Standard 22mm x 30mm Cutout
• Illumination Options
• Marking Options
• Multiple Terminal and Actuator Options
• Front Panel Mount Applications
• Optional Cap for Dust and Water Protection
• 2 Pole Maintained and Momentary Functions
Terminal
Body
Color
C - 16A 125V
D - 20A 125V
E - 16A 125V
1 - Black
2 - White
3 - Almond
4 - Grey
9 - Red
2 - Off-On
E - Off-(On)
G - On-On
H - On-(On)
6 - On-Off-On
J - On-Off-(On)
K - (On)-Off-(On)
Notes:
Custom Colors and Markings Available Upon Request
( ) = Denotes Momentary Function
* = Only Available with the “C” Rating
Series
Function
0 - Full
Illumination
1 - Black
2 - White
3 - Almond
4 - Grey
5 - Orange
7 - Blue
8 - Green
9 - Red
Rating
Actuator
Color
Marking
Color
0 - None
1 - Black
2 - White
8 - Red
Marking
Type
0 - None
1 - I/O
Vertical
2 -ON-OFF-ON
Vertical
3 - ON-OFF
Vertical
4 - ON-OFF
Horizontal
9 - I/O/II
Horizontal
R - I/O
Horizontal
S - I/O/II Vertical
Lamp
Voltage
None - Not
Illuminated
1 - Full
2 - Round*
None - Not
Illuminated
0 - Clear
1 - Red
2 - Amber
3 - Green
4 - Blue
5 - Yellow
None - Not
Illuminated
4 - 12V
5 - 24V
6 - 125V
7 - 250V
Lens
Stlye
Lens
Color
RB2
1 - 4.8mm Tab
4 - 6.3mm Tab
RoHS
SpecificationS
part number configurator
rb2 SerieS rocker Switch
featureS & benefitS
applicationS / marketS
Specifications subject to change without notice 11.9.2017
Industrial Controls
Commercial Appliances
Electrical Rating:
Option C: 16A 125VAC T85 [cURus]
7.5A 250VAC T85 [cURus]
16(4)A 250V~ 1E4 T125/55 [SEMKO, ENEC]
Option D (2 Position Functions):
20A 125VAC T105 [cURus]
16A 250VAC T105 [cURus]
3/4HP 125VAC T105 [cURus]
3/4HP 250VAC T105 [cURus]
20(8)A 250V~ 1E4 T125/55 [VDE, ENEC]
10(2)A 250V~ 5E4 T85/55 [VDE, ENEC]
16(4)A 250V~ 1E4 T85/55 [VDE, ENEC]
Option E (3 Position Functions):
16A 125VAC T65 [cURus]
16A 250VAC T65 [cURus]
Operating Temperature: -20°C to 65°C
Electrical Life: 10,000 Cycles
Contact Resistance: 35mΩ Max. at 50VAC
Insulation Resistance: 100MΩ Min. at 500VDC
Dielectric Strength: 1,500VAC for 1 min.
Ingress Protection: IP54 with optional silicone cap
Instrumentation
Electrical Housewares
Floor Care Appliances
Medical/Dental


Podobny numer części - RB24GD1221

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
RB2405XLD MICRODC-RB2405XLD Datasheet
660Kb / 4P
Isolated 0.5W Single Output DC/DC Converters
RB2405XLS MICRODC-RB2405XLS Datasheet
660Kb / 4P
Isolated 0.5W Single Output DC/DC Converters
RB2412XLD MICRODC-RB2412XLD Datasheet
660Kb / 4P
Isolated 0.5W Single Output DC/DC Converters
RB2412XLS MICRODC-RB2412XLS Datasheet
660Kb / 4P
Isolated 0.5W Single Output DC/DC Converters
RB2415XLD MICRODC-RB2415XLD Datasheet
660Kb / 4P
Isolated 0.5W Single Output DC/DC Converters
More results

Podobny opis - RB24GD1221

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
Sharma Electro Componen...
RB SHARMA-RB Datasheet
349Kb / 2P
RB Series
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com