Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2661828302 Arkusz danych(PDF) 2 Page - Fair-Rite Products Corp.

Numer części 2661828302
Szczegółowy opis  TOROIDAL SUPPRESSION CORE KITS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIR-RITE [Fair-Rite Products Corp.]
Strona internetowa  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2661828302 Arkusz danych(HTML) 2 Page - Fair-Rite Products Corp.

  2661828302 Datasheet HTML 1Page - Fair-Rite Products Corp. 2661828302 Datasheet HTML 2Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TOROIDALSUPPRESSIONCOREKITS
44 MATERIAL CORES - OPTIMAL FREQUENCY: 10MHz - 300MHz
PART NUMBER
OD
ID
HEIGHT
QTY
2644800102
5.95
3.05
1.65
24
2644800202
9.50
4.75
3.175
16
2644800302
12.70
7.15
4.90
10
2644801102
12.70
7.90
6.35
8
2644801802
22.10
13.70
6.35
16
2644801202
29
19
13.85
4
2644805302
34.5
23
15
4
2644828302
61
34.5
20
3
52 MATERIAL CORES - OPTIMAL FREQUENCY: 30MHz - 500MHz
PART NUMBER
OD
ID
HEIGHT
QTY
2652800102
5.95
3.05
1.65
24
2652800202
9.50
4.75
3.30
16
2652800302
12.70
7.15
4.90
10
2652801102
12.70
7.90
6.35
8
2652801802
21.70
13.40
6.10
16
2652801202
29
19
13.85
4
2652805302
34.5
23
15
4
2652828302
61
34.5
20
3
61 MATERIAL™ Cores - OPTIMAL FREQUENCY: 100MHz - 1000MHz
PART NUMBER
OD
ID
HEIGHT
QTY
2661800102
5.95
3.05
1.65
24
2661800202
9.50
4.75
3.30
16
2661800302
12.70
7.15
4.90
10
2661801102
12.70
7.90
6.35
8
2661801802
22.10
13.70
6.35
16
2661801202
29
19
13.85
4
2661805302
34.5
23
15
4
2661828302
61
34.5
20
3
MATERIAL
µi
FREQUENCY RANGE
NOTES
75
5000
150kHz-10MHz
Superior low-frequency
suppression
31
1500
1MHz-300MHz
Good broadband impedance with
extended low frequency
44
500
25MHz-300MHz
Industry standard material;
44 has improved resistivity
52
250
50MHz-1000MHz
Low permeability material with high
saturation flux density and curie temp
61
125
200MHz-1GHz
For VHF applications; Low sensitivity to
temperature and DC bias
(888) FAIR RITE / (845) 895-2055
(888) FERRITE / (845) 895-2629
Ferrites@fair-rite.com
P.O. Box 288, One Commercial Row, Wallkill, NY 12589-0288
FAIR-RITE.COM
R01 2/26/2025
© 2025 Fair-Rite® Products Corp.
1200
0
100,000,000
1,000,000,000
10,000,000
1,000,000
100,000
FREQUENCY (Hz)
Impedance (ohms)
1400
1600
200
400
600
800
1000
31 Material®
52 Material
44 Material
75 Material
61 Material™
26XX801102 WITH 5 TURNS 24 AWG SINGLE WIRE



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com