Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2661828302 Arkusz danych(PDF) 1 Page - Fair-Rite Products Corp.

Numer części 2661828302
Szczegółowy opis  TOROIDAL SUPPRESSION CORE KITS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIR-RITE [Fair-Rite Products Corp.]
Strona internetowa  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2661828302 Arkusz danych(HTML) 1 Page - Fair-Rite Products Corp.

  2661828302 Datasheet HTML 1Page - Fair-Rite Products Corp. 2661828302 Datasheet HTML 2Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P.O. Box 288, One Commercial Row, Wallkill, NY 12589-0288
888.324.7748 / 845.895.2055
www.fair-rite.com
Ferrites@fair-rite.com
R01 2/26/2025
© 2025 Fair-Rite® Products Corp.
Toroidal suppression cores stand out as essential components in
electronics and power systems. The toroidal shape of these cores
allows for compact and efficient winding of wire around a closed loop
core, minimizing electromagnetic interference and providing superior
performance. These kits allow engineers to experiment with different
materials and sizes to achieve the required amount of impedance.
Including five materials to target EMI from as low as 100s of kHz to over
1GHz. Separating these from normal ferrite toroids, these are rated
and built to impedance specifications as opposed to the normal low
frequency inductance factor and maximum loss factor specifications.
For more information on Fair-Rite® Toroidal Suppression Cores, please
visit our web site at www.fair-rite.com. For more specific questions use
the Ask the Advisor section.
TOROIDAL SUPPRESSION CORE KITS:
75 MATERIAL TOROIDAL
SUPPRESSION CORE KIT
PN:0199000053
31 MATERIAL® TOROIDAL
SUPPRESSION CORE KIT
PN: 0199000054
44 MATERIAL TOROIDAL
SUPPRESSION CORE KIT
PN: 0199000055
52 MATERIAL TOROIDAL
SUPPRESSION CORE KIT
PN: 0199000056
61 MATERIAL™ TOROIDAL
SUPPRESSION CORE KIT
PN: 0199000057
ATTENUATION STATION
PN: 0199000058
Includes: 0199000053, 0199000054,
0199000055, 0199000056, 0199000057
75 MATERIAL CORES - OPTIMAL FREQUENCY: 100kHz - 30MHz
PART NUMBER
OD
ID
HEIGHT
QTY
2675800102
5.95
3.05
1.65
24
2675800202
9.50
4.75
3.30
16
2675800302
12.70
7.15
4.90
10
2675801102
12.70
7.90
6.35
8
2675801802
22.10
13.70
6.35
16
2675801202
29
19
13.85
4
2675805302
34.5
23
15
4
2675828302
61
34.5
20
3
31 MATERIAL® Cores - OPTIMAL FREQUENCY: 1MHz - 300MHz
PART NUMBER
OD
ID
HEIGHT
QTY
2631800102
5.95
3.05
1.65
24
2631800202
9.50
4.75
3.30
16
2631800302
12.70
7.15
4.90
10
2631801102
12.70
7.90
6.35
8
2631801802
22.10
13.70
6.35
16
2631801202
29
19
13.85
4
2631805302
34.5
23
15
4
2631828302
61
34.5
20
3
TOROIDALSUPPRESSIONCOREKITS


Podobny numer części - 2661828302

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
266182-1 MACOM-266182-1 Datasheet
415Kb / 9P
Signal Contacts
More results

Podobny opis - 2661828302

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2030-V188-01 VACUUMSCHMELZE-T60006-L2030-V188-01 Datasheet
47Kb / 2P
Toroidal core
T60006-L2030-V315 VACUUMSCHMELZE-T60006-L2030-V315 Datasheet
875Kb / 2P
Toroidal core
T60006-L2030-V316 VACUUMSCHMELZE-T60006-L2030-V316 Datasheet
899Kb / 2P
Toroidal core
T60006-L2040-V317 VACUUMSCHMELZE-T60006-L2040-V317 Datasheet
839Kb / 6P
Toroidal core
T60006-L2040-V318 VACUUMSCHMELZE-T60006-L2040-V318 Datasheet
621Kb / 6P
Toroidal core
T60006-L2040-V345 VACUUMSCHMELZE-T60006-L2040-V345 Datasheet
38Kb / 2P
Toroidal core
T60006-L2063-V319 VACUUMSCHMELZE-T60006-L2063-V319 Datasheet
779Kb / 6P
Toroidal core
T60006-L2063-V320 VACUUMSCHMELZE-T60006-L2063-V320 Datasheet
755Kb / 6P
Toroidal core
T60006-L2063-V348 VACUUMSCHMELZE-T60006-L2063-V348 Datasheet
37Kb / 2P
Toroidal core
T60006-L2160-V350 VACUUMSCHMELZE-T60006-L2160-V350 Datasheet
37Kb / 2P
Toroidal core
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com