Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLLC1A Arkusz danych(PDF) 3 Page - TDK Electronics

Numer części CLLC1A
Szczegółowy opis  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

CLLC1A Arkusz danych(HTML) 3 Page - TDK Electronics

  CLLC1A Datasheet HTML 1Page - TDK Electronics CLLC1A Datasheet HTML 2Page - TDK Electronics CLLC1A Datasheet HTML 3Page - TDK Electronics CLLC1A Datasheet HTML 4Page - TDK Electronics CLLC1A Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
• All specifications are subject to change without notice.
CLL Series
Ultra Low Inductance
Type: CLLC1A [EIA CC0603], CLLE1A [EIA CC0805],
CLLG1A [EIA CC1206]
• Decoupling CPU power line
• High speed digital IC, decoupling
•GPU, CPU
Features
Applications
Series Name
Dimensions L x W (mm)
Temperature Characteristics
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Nominal Thickness
Code
Length
Width
C1A
1.60 ± 0.10
0.80 ± 0.10
E1A
2.00 ± 0.15
1.25 ± 0.15
G1A
3.20 ± 0.15
1.60 ± 0.15
Code
Voltage (DC)
0G
4.0V
0J
6.3V
1A
10V
Code
Tolerance
M
±20%
Code
Style
A
178 mm Reel, 4 mm Pitch
Temperature
Characteristics
Capacitance
Change
Temperature
Range
X6S
±22%
-55 to +105°C
X7R
±15%
-55 to +125°C
X7S
±22%
-55 to +125°C
CLL • E1A • X7S • 0G • 685 • M • 050 • A • C
Code
Thickness
050
0.50 mm
055
0.55 mm
085
0.85 mm
Special Reserved Code
Code
Description
C
TDK Internal Code
Shape &
Dimensions
L
Body Length
W
Body Width
T
Body Height
C
Terminal Width
P
Terminal Spacing
Design
Structure
-
+
-
+
-
+
-
+
Internal Electrode
Terminations
• Features a unique internal structure that cancels magnetic fields to
reduce equivalent series inductance.
• Eight side terminal electrodes in one capacitor.
• Small and low profile design enables undersurface mounting for
semiconductor packages.
The capacitance is expressed in three digit codes and in units of pico
Farads (pF). The first and second digits identify the first and second
significant figures of the capacitance.
The third digit identifies the
multiplier. R designates a decimal point.
Catalog Number
Construction
Page 2
MULTILAYER CERAMIC CHIP CAPACITORS
20141224 / mlcc_commercial_uli_en



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com