Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLLC1A Arkusz danych(PDF) 5 Page - TDK Electronics

Numer części CLLC1A
Szczegółowy opis  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

CLLC1A Arkusz danych(HTML) 5 Page - TDK Electronics

  CLLC1A Datasheet HTML 1Page - TDK Electronics CLLC1A Datasheet HTML 2Page - TDK Electronics CLLC1A Datasheet HTML 3Page - TDK Electronics CLLC1A Datasheet HTML 4Page - TDK Electronics CLLC1A Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X7S (-55 to +125ºC, ±22%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
Catalog Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4.0V
4.7 μF
1608
0.50 ± 0.05
± 20%
CLLC1AX6S0G475M050AC
Class 2 (Temperature Stable)
Temperature Characteristics: X6S (-55 to +105ºC, ±22%)
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
Catalog Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4.0V
47 nF
2012
0.50 ± 0.05
± 20%
CLLE1AX7R0G473M050AC
100 nF
1608
0.50 ± 0.05
± 20%
CLLC1AX7R0G104M050AC
2012
0.50 +0.05/-0.10
± 20%
CLLE1AX7R1A104M050AC
0.50 ± 0.05
± 20%
CLLE1AX7R0G104M050AC
150 nF
2012
0.50 +0.05/-0.10
± 20%
CLLE1AX7R1A154M050AC
220 nF
2012
0.50 +0.05/-0.10
± 20%
CLLE1AX7R1A224M050AC
330 nF
2012
0.50 +0.05/-0.10
± 20%
CLLE1AX7R1A334M050AC
470 nF
2012
0.50 +0.05/-0.10
± 20%
CLLE1AX7R0J474M050AC
680 nF
2012
0.50 +0.05/-0.10
± 20%
CLLE1AX7R0J684M050AC
1 μF
2012
0.85 ± 0.10
± 20%
CLLE1AX7R0J105M085AC CLLE1AX7R0G105M085AC
3216
0.85 ± 0.10
± 20%
CLLG1AX7R1A105M085AC
1.5 μF
2012
0.85 ± 0.10
± 20%
CLLE1AX7R0J155M085AC
2.2 μF
3216
0.85 ± 0.10
± 20%
CLLG1AX7R0J225M085AC
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
Catalog Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4.0V
47 nF
1608
0.50 ± 0.05
± 20%
CLLC1AX7S0G473M050AC
2012
0.50 ± 0.05
± 20%
CLLE1AX7S0G473M050AC
100 nF
1608
0.50 ± 0.05
± 20%
CLLC1AX7S0G104M050AC
2012
0.50 ± 0.05
± 20%
CLLE1AX7S0G104M050AC
150 nF
2012
0.50 ± 0.05
± 20%
CLLE1AX7S1A154M050AC
220 nF
2012
0.50 ± 0.05
± 20%
CLLE1AX7S1A224M050AC
330 nF
1608
0.50 +0.05/-0.10
± 20%
CLLC1AX7S0G334M050AC
2012
0.50 ± 0.05
± 20%
CLLE1AX7S1A334M050AC
470 nF
1608
0.50 +0.05/-0.10
± 20%
CLLC1AX7S0G474M050AC
2012
0.50 ± 0.05
± 20%
CLLE1AX7S0J474M050AC
680 nF
1608
0.50 +0.05/-0.10
± 20%
CLLC1AX7S0G684M050AC
2012
0.50 ± 0.05
± 20%
CLLE1AX7S0J684M050AC
1 μF
1608
0.50 +0.05/-0.10
± 20%
CLLC1AX7S0G105M050AC
2012
0.50 +0.05/-0.10
± 20%
CLLE1AX7S0G105M050AC
1.5 μF
2012
0.50 +0.05/-0.10
± 20%
CLLE1AX7S0G155M050AC
0.85 ± 0.10
± 20%
CLLE1AX7S0J155M085AC
2.2 μF
1608
0.50 ± 0.05
± 20%
CLLC1AX7S0G225M050AC
2012
0.50 +0.05/-0.10
± 20%
CLLE1AX7S0G225M050AC
0.85 ± 0.10
± 20%
CLLE1AX7S0G225M085AC
4.7 μF
2012
0.50 ± 0.05
± 20%
CLLE1AX7S0G475M050AC
0.85 ± 0.10
± 20%
CLLE1AX7S0G475M085AC
6.8 μF
2012
0.50 ± 0.05
± 20%
CLLE1AX7S0G685M050AC
Page 4
MULTILAYER CERAMIC CHIP CAPACITORS
20141224 / mlcc_commercial_uli_en



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com