Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS06504PS-X-R Arkusz danych(PDF) 5 Page - PUI audio inc.

Numer części AS06504PS-X-R
Szczegółowy opis  Paper cone for warm natural sound and improved ruggedness
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PUIAUDIO [PUI audio inc.]
Strona internetowa  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS06504PS-X-R Arkusz danych(HTML) 5 Page - PUI audio inc.

  AS06504PS-X-R Datasheet HTML 1Page - PUI audio inc. AS06504PS-X-R Datasheet HTML 2Page - PUI audio inc. AS06504PS-X-R Datasheet HTML 3Page - PUI audio inc. AS06504PS-X-R Datasheet HTML 4Page - PUI audio inc. AS06504PS-X-R Datasheet HTML 5Page - PUI audio inc. AS06504PS-X-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at +60°C ± 2°C followed by three hours
in normal room temperature
Low Temperature Test
96 hours at -20°C ± 3°C followed by three hours
in normal room temperature
Humidity Test
96 hours at +40°C ± 2°C with relative humidity
between 90% and 95% followed by 6 hours in
normal room temperature
Temperature Cycle Testing
Vibration Test
Frequency 30±15 Hz, Amplitude 1.5 mm for 3
Hours. After test, SPL shall not deviate by
±3 dB from pre-test measurement
Drop Test
75 cm free falling on concrete floor, 10 times.
Load Test
Speaker should not fail after applying 20 Hz ∼ 20
kHz pink noise with HPF rated power input
(RMS), 96 hours.
After each test, SPL shall not deviate by more than ±3 dB from pre-test measurement.
Dimensions (Left, larger terminal is positive and is indicated by + on the terminal board)
Note: Recommended speaker baffle opening is 53.6mm. Always test-fit prior to closing mechanical design.
Please maintain at least 7mm distance between top of frame and next surface.



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com