Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS06504PS-X-R Arkusz danych(PDF) 1 Page - PUI audio inc.

Numer części AS06504PS-X-R
Szczegółowy opis  Paper cone for warm natural sound and improved ruggedness
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PUIAUDIO [PUI audio inc.]
Strona internetowa  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS06504PS-X-R Arkusz danych(HTML) 1 Page - PUI audio inc.

  AS06504PS-X-R Datasheet HTML 1Page - PUI audio inc. AS06504PS-X-R Datasheet HTML 2Page - PUI audio inc. AS06504PS-X-R Datasheet HTML 3Page - PUI audio inc. AS06504PS-X-R Datasheet HTML 4Page - PUI audio inc. AS06504PS-X-R Datasheet HTML 5Page - PUI audio inc. AS06504PS-X-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS06504PS-X-R
PUI Audio’s eXtreme Series speakers are
purpose-built for superior performance using
Klippel-optimized motor designs. Forced-air
vented voice coils combine with a high-grade
neodymium motor for extreme power
handling, extremely flat frequency response,
and a surprising amount of bass when used
with tuned-port or passive radiator assisted
enclosures.
Features:
•
Paper cone for warm natural sound and improved ruggedness
•
Large voice coil diameter for high power handling
•
Convenient mounting frame for easy integration
•
Venting in the magnetic motor creates forced-air cooling limiting power compression
•
Four-layer copper-clad aluminum wire for great transient response
•
Water resistant with optional PUI Audio WR coating process
•
Low Qts design for use in ultra-small enclosures without inhibiting performance
Specifications
Parameters
Values
Units
Rated Input Power
10
Watts
Max Input Power
20
Watts
Impedance
4 ± 15%
Ohms
SPL @ 1W/0.5m
(Average 0.8, 1.0, 1.2, 1.5 kHz)
88 ± 3
dB
Resonant Frequency
130 ± 20%
Hz
Frequency Range (-10 dB)
80 ~ 20,000+
Hz
Frame Material
Stamped Steel
-
Magnet Material
NdFeB
-
Weight
92
Grams
Ingress Protection Rating
IP65**
**With WR Coating
Recommended Sealed Enclosure
Volume Range (Qtc ≤ 0.707)*
0.06 ~ 0.60
Liters
Recommended Vented
Enclosure Volume*
0.60
Liters
Vent Size and Tuning Frequency
26mm dia. x 350mm L, 88 Hz
-
*Recommended enclosure volumes do not include volume displaced by speaker or vent
Air is forced into the magnetic loop
on both sides of the voice coil for
improved heat dissipation


Podobny numer części - AS06504PS-X-R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PUI audio inc.
AS06504PS-X-R PUIAUDIO-AS06504PS-X-R Datasheet
375Kb / 4P
Enhances bass response in many speakers from 25mm to 70mm in diameter
1/30/2024
More results

Podobny opis - AS06504PS-X-R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
IRFS641 SAMSUNG-IRFS641 Datasheet
308Kb / 5P
Improved inductive ruggedness
logo
International Rectifier
IRFP4137PBF IRF-IRFP4137PBF Datasheet
389Kb / 8P
Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
logo
CUI INC
GA0876 CUI-GA0876 Datasheet
225Kb / 2P
Square frame paper cone - alnico magnet
GF0573 CUI-GF0573 Datasheet
234Kb / 2P
Round frame paper cone - ferrite magnet
GF0701 CUI-GF0701 Datasheet
246Kb / 2P
Round frame paper cone - ferrite magnet
GA0451 CUI-GA0451 Datasheet
241Kb / 2P
Round frame paper cone - alnico magnet
logo
Samsung semiconductor
SSP4N80 SAMSUNG-SSP4N80 Datasheet
296Kb / 5P
improved inductive ruggedness
logo
CUI INC
GF0876M CUI-GF0876M Datasheet
266Kb / 2P
Square frame paper cone - ferrite magnet
logo
PUI audio inc.
AS02504PR-N50-R PUIAUDIO-AS02504PR-N50-R Datasheet
616Kb / 5P
Paper cone and rubber surround
AS02804PR-N50-R PUIAUDIO-AS02804PR-N50-R Datasheet
562Kb / 5P
Paper cone and foam surround
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com