Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST20CX Arkusz danych(PDF) 82 Page - STMicroelectronics

Numer części ST20CX
Szczegółowy opis  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Arkusz danych(HTML) 82 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 78Page - STMicroelectronics ST20CX Datasheet HTML 79Page - STMicroelectronics ST20CX Datasheet HTML 80Page - STMicroelectronics ST20CX Datasheet HTML 81Page - STMicroelectronics ST20CX Datasheet HTML 82Page - STMicroelectronics ST20CX Datasheet HTML 83Page - STMicroelectronics ST20CX Datasheet HTML 84Page - STMicroelectronics ST20CX Datasheet HTML 85Page - STMicroelectronics ST20CX Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 212 page
background image
fmul
®
82/212
fmul
fractional multiply
Code: 27 F2
Description: Multiply Areg by Breg treating the values as fractions, rounding the
result. The values in Areg and Breg are interpreted as fractions in the range greater
than or equal to -1 and less than 1 - i.e. the integer values divided by 2BitsPerWord-1.
The result is rounded. The rounding mode used is analogous to IEEE round nearest;
that is the result produced is the fraction which is nearest to the exact product, and, in
the event of the product being equidistant between two factions, the fraction with least
significant bit 0 is produced.
Definition:
if (Areg
= MostNeg) and (Breg = MostNeg)
– MostNeg interpreted as -1
{
Areg
′← undefined
IntegerOverflow
}
else
Areg
′← (Breg × Areg) /
roundnearest 2
BitsPerWord-1
Breg
′← Creg
Creg
← undefined
Error signals:
IntegerOverflow can occur.
Comments:
Secondar y instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More