Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST20CX Arkusz danych(PDF) 21 Page - STMicroelectronics

Numer części ST20CX
Szczegółowy opis  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Arkusz danych(HTML) 21 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 17Page - STMicroelectronics ST20CX Datasheet HTML 18Page - STMicroelectronics ST20CX Datasheet HTML 19Page - STMicroelectronics ST20CX Datasheet HTML 20Page - STMicroelectronics ST20CX Datasheet HTML 21Page - STMicroelectronics ST20CX Datasheet HTML 22Page - STMicroelectronics ST20CX Datasheet HTML 23Page - STMicroelectronics ST20CX Datasheet HTML 24Page - STMicroelectronics ST20CX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 212 page
background image
21/212
®
bit number
full name / description
0
breakpoint trap status bit
1
integer error trap status bit
2
integer overflow trap status bit
3
illegal opcode trap status bit
4
load trap trap status bit
5
store trap trap status bit
6
internal channel trap status bit
7
external channel trap status bit
8
timer trap status bit
9
timeslice trap status bit
10
run trap status bit
11
signal trap status bit
12
process interrupt trap status bit
13
queue empty trap status bit
14
reserved
15
causeerror status bit
17-16
Scheduler trap return priority status bits:
00 - high priority
01 - low priority
19-18
Trap group status bits:
00 - Breakpoint
01 - Error
10 - System
11 - Scheduler
20
timeslice enable bit
25-21
reserved
30-26
Interrupted operation status bits:
00000 - None
00001 -
move
00010 -
devmove
00011 -
move2dall
00100 -
move2dzero
00101 -
move2dnonzero
00110 -
in
00111 -
out
01000 -
tin
01001 -
tin restart
01010 -
taltwt
01011 -
taltwt restart
01100 -
dist
01101 -
dist restart
01110 -
enbc
01111 -
disc
10000 -
resetch
31
status valid
Table 3.2 Status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More