Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST52F510GMM6 Arkusz danych(PDF) 84 Page - STMicroelectronics

Numer części ST52F510GMM6
Szczegółowy opis  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F510GMM6 Arkusz danych(HTML) 84 Page - STMicroelectronics

Back Button ST52F510GMM6 Datasheet HTML 80Page - STMicroelectronics ST52F510GMM6 Datasheet HTML 81Page - STMicroelectronics ST52F510GMM6 Datasheet HTML 82Page - STMicroelectronics ST52F510GMM6 Datasheet HTML 83Page - STMicroelectronics ST52F510GMM6 Datasheet HTML 84Page - STMicroelectronics ST52F510GMM6 Datasheet HTML 85Page - STMicroelectronics ST52F510GMM6 Datasheet HTML 86Page - STMicroelectronics ST52F510GMM6 Datasheet HTML 87Page - STMicroelectronics ST52F510GMM6 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 106 page
background image
ST52F510/F513/F514
84/106
13.4 SCI Register Description
The following registers are related to the use of the
SCI peripheral.
13.4.1 SCI Configuration Registers.
SCI Control Register 1 (SCI_CR1)
Configuration Register 22 (016h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7: RXFINT SCDR_RX buffer full interrupt mask
0: interrupt disabled
1: interrupt enabled
Bit 6: OVRINT Overrun interrupt mask
0: interrupt disabled
1: interrupt enabled
Bit 5: BRKINT Break interrupt mask
0: interrupt disabled
1: interrupt enabled
Bit 4: TXEMINT SCDR_TX buffer empty interrupt
0: interrupt disabled
1: interrupt enabled
Bit 3: TXENINT TX end interrupt mask
0: interrupt disabled
1: interrupt enabled
Bit 2: PAR/T8 Parity type selection or TX 9th bit
0: parity odd if enabled, else TX 9th bit=0
1: parity even if enabled, else TX 9th bit=1
Bit 1-0: FRM Frame type selection
00: 8 bit, no parity, 1 stop bit
01: 8 bit, no parity, 2 stop bit
10: 8 bit, parity, 1 stop bit
11: 9 bit, no parity, 1 stop bit
Note: the SCI interrupts are not enabled unless the
bit 3 (MSKSCI) of the Configuration Register 0
(INT_MASK) is enabled (set to 1).
SCI Control Register 2 (SCI_CR2)
Configuration Register 23 (017h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-4: PRESC_H Baud Rate prescaler (bit 11:8)
These bits are the higher part of the
prescaler (see SCI_CR3 Configuration
Register) which determinates the baud rate
of the communication, according to Table
13.1 and Table 13.2, as explained in
Paragraph 13.3.
Bit 3-2: not used
Bit 1: RXSTRT Reception enable
0: RX disabled
1: RX enabled
Bit 0: TXSTRT Transmission enable
0: TX disabled
1: TX enabled
SCI Control Register 3 (SCI_CR3)
Configuration Register 43 (02Bh) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-0: PRESC_L Baud Rate prescaler (bit 7:0)
These bits are the lower part of the
prescaler (see SCI_CR2 Configuration
Register) which determinates the baud rate
of the communication, according to Table
13.1 and Table 13.2, as explained in
Paragraph 13.3.
72
0
RXFINT OVRINT BRKINT TXEMINT TXENINT PAR/T8
FRM
74
2
0
PRESC_H
-
RXSTRT TXSTRT
70
PRESC_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More