| Zakładka z wyszukiwarką danych komponentów |
|
ST52F510GMM6 Arkusz danych(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F510GMM6 Arkusz danych(HTML) 55 Page - STMicroelectronics |
|
55 / 106 page ![]() ST52F510/F513/F514 55/106 Bit 7-0: PBI7-0 Port B Input data The logical level applied in the Port B pins, configured as digital input, can be achieved by reading this register. Port C Data Input Register (PORT_C_IN) Input Register 2 (02h) Read only Reset Value: XXXX XXXX Note: This register is not used in 16/20 pin devices Bit 7-6: Not Used Bit 5-0: PCI5-0 Port C Input data The logical level applied in the Port C pins, configured as digital input, can be achieved by reading this register. 7.6.3 Output Registers. Port A Data Output Register (PORT_A_OUT) Output Register 0 (00h) Write only Reset Value: 0000 0000 (00h) Bit 7-0: PAO7-0 Port A Output data The logical values written in these register bits are put in the Port A pins configured as digital output. Port B Data Output Register (PORT_B_OUT) Output Register 1 (01h) Write only Reset Value: 0000 0000 (00h) (*) Not used in 16/20 pin package devices (**) Not used in 16 pin package devices Bit 7-0: PBO7-0 Port B Input data The logical values written in these register bits are put in the Port B pins configured as digital output. Port C Data Output Register (PORT_C_OUT) Output Register 2 (02h) Write only Reset Value: 0000 0000 (00h) Note: This register is not used in 16/20 pin devices Bit 7-6: Not Used Bit 5-0: PCO5-0 Port C Input data The logical values written in these register bits are put in the Port C pins configured as digital output. 70 - - PCI5 PCI4 PCI3 PCI2 PCI1 PCI0 70 PAO7 PAO6 PAO5 PAO4 PAO3 PAO2 PAO1 PAO0 70 PBO7* PBO6* PBO5** PBO4** PBO3** PBO2** PBO1 PBO0 70 - - PCO5 PCO4 PCO3 PCO2 PCO1 PCO0 |