| Zakładka z wyszukiwarką danych komponentów |
|
ST62T55B Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T55B Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 74 page ![]() 24/74 ST62T55B ST62T65B/E65B DIGITAL WATCHDOG (Cont’d) The Watchdog is associated with a Data space register (Digital WatchDog Register, DWDR, loca- tion 0D8h) which is described in greater detail in Section 3.3.1 Digital Watchdog Register (DWDR). This register is set to 0FEh on Reset: bit C is cleared to “0”, which disables the Watchdog; the timer downcounter bits, T0 to T5, and the SR bit are all set to “1”, thus selecting the longest Watch- dog timer period. This time period can be set to the user’s requirements by setting the appropriate val- ue for bits T0 to T5 in the DWDR register. The SR bit must be set to “1”, since it is this bit which gen- erates the Reset signal when it changes to “0”; clearing this bit would generate an immediate Re- set. It should be noted that the order of the bits in the DWDR register is inverted with respect to the as- sociated bits in the down counter: bit 7 of the DWDR register corresponds, in fact, to T0 and bit 2 to T5. The user should bear in mind the fact that these bits are inverted and shifted with respect to the physical counter bits when writing to this regis- ter. The relationship between the DWDR register bits and the physical implementation of the Watch- dog timer downcounter is illustrated in13. Only the 6 most significant bits may be used to de- fine the time period, since it is bit 6 which triggers the Reset when it changes to “0”. This offers the user a choice of 64 timed periods ranging from 3,072 to 196,608 clock cycles (with an oscillator frequency of 8MHz, this is equivalent to timer peri- ods ranging from 384 µs to 24.576ms). Figure 13. Watchdog Counter Control D0 D1 D3 D4 D5 D6 D7 C SR T5 T4 T3 T2 T1 D2 T0 OSC ÷12 RESET VR02068A ÷28 24 |