| Zakładka z wyszukiwarką danych komponentów |
|
ST6397 Arkusz danych(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6397 Arkusz danych(HTML) 64 Page - STMicroelectronics |
|
64 / 68 page ![]() Symbol Parameter Test Conditions Value Unit Min. Typ. Max. tWRES Minimum Pulse Width RESET Pin 125 ns tOHL High to Low Transition Time PA6, PA7 VDD = 5V, CL = 1000pF (2) 100 ns tOHL High to Low Transition Time DA0-DA5, PB0-PB6, OSD Outputs, PC0-PC7, VDD = 5V, CL = 100pF 20 ns tOLH Low to High Transition Time PB0-PB6, PA0-PA3, OSD Outputs, PC0-PC3 VDD = 5V, CL = 100pF 20 ns tOH Data HOLD Time SPI after clock goes low I 2CBUS/S-BUS Only All devices 750 ns f DA D/A Converter Repetition Frequency (1) ST6391,92,93,99 ST6395,97 31.25 25 kHz f SIO SIO Baud Rate (1) ST6391,92,93,99 ST6395,97 62.50 100 kHz tWEE EEPROM Write Time TA =25 °C One Byte 5 10 ms Endurance EEPROM WRITE/ERASE Cycles QA LOT Acceptance Criteria 300.000 >1 million cycles Retention EEPROM Data Retention (4) TA =25 °C 10 years CIN Input Capacitance (3) All Inputs Pins 10 pF COUT Output Capacitance (3) All outputs Pins 10 pF COSCin, COSCout Oscillator Pins Internal Capacitance(3) 5pF COSDin, COSDout OSD Oscillator External Capacitance Recommended 15 25 pF Notes: 1. A clock other than 8 MHz will affect the frequency response of those peripherals (D/A, 62.5kHz and SPI) whose clock is derived from the system clock. 2. The rise and fall times of PORT A have been reduced in order to avoid current spikes while maintaining a high drive capability 3. Not 100% Tested 4. Based on extrapolated data AC ELECTRICAL CHARACTERISTICS (TA = 0 to +70 °C, fOSC=8MHz, VDD=4.5 to 6.0V unless otherwise specified ) ® ST6391,92,93,95,97,99 60/64 |