| Zakładka z wyszukiwarką danych komponentów |
|
ST6397 Arkusz danych(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6397 Arkusz danych(HTML) 57 Page - STMicroelectronics |
|
57 / 68 page ![]() SOFTWARE DESCRIPTION (Continued) Instruction Set The ST63xx Core has a set of 40 basic instruc- tions. When these instructions are combined with nine addressing modes, 244 usable opcodes can be obtained. They can be divided into six different types:load/store, arithmetic/logic, conditional branch, control instructions, jump/call, bit manipu- lation. The following paragraphs describe the dif- ferent types. All the instructions within a given type are pre- sented in individual tables. Load & Store. These instructions use one,two or three bytes in relation with the addressing mode. One operand is the Accumulator for LOAD and the other operand is obtained from data memory using one of the addressing modes. For Load Immediate one operand can be any of the 256 data space bytes while the other is always immediate data. See Table 16. Instruction Addressing Mode Bytes Cycles Flags ZC LD A, X Short Direct 1 4 ∆ * LD A, Y Short Direct 1 4 ∆ * LD A, V Short Direct 1 4 ∆ * LD A, W Short Direct 1 4 ∆ * LD X, A Short Direct 1 4 ∆ * LD Y, A Short Direct 1 4 ∆ * LD V, A Short Direct 1 4 ∆ * LD W, A Short Direct 1 4 ∆ * LD A, rr Direct 2 4 ∆ * LD rr, A Direct 2 4 ∆ * LD A, (X) Indirect 1 4 ∆ * LD A, (Y) Indirect 1 4 ∆ * LD (X), A Indirect 1 4 ∆ * LD (Y), A Indirect 1 4 ∆ * LDI A, #N Immediate 2 4 ∆ * LDI rr, #N Immediate 3 4 * * Notes: X,Y. Indirect Register Pointers, V & W Short Direct Registers # . Immediate data (stored in ROM memory) rr. Data space register ∆ . Affected * . Not Affected Table 16. Load & Store Instructions ® ST6391,92,93,95,97,99 53/64 |