Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V58C2256404S Arkusz danych(PDF) 26 Page - Mosel Vitelic, Corp

Numer części V58C2256404S
Szczegółowy opis  HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSEL [Mosel Vitelic, Corp]
Strona internetowa  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2256404S Arkusz danych(HTML) 26 Page - Mosel Vitelic, Corp

Back Button V58C2256404S Datasheet HTML 22Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 23Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 24Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 25Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 26Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 27Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 28Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 29Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 30Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
26
V58C2256(804/404/164)S Rev. 1.4 October 2002
MOSEL VITELIC
V58C2256(804/404/164)S
QFC function
QFC function
when driven low on reads coincident with the start of preamble, this DRAM output signal says that one cy-
cle later there will be the first valid DQS output and returned to HI-Z after this finishing a burst operation. It is
also driven low shortly after a write command is received and returned to HI-Z shortly after the last data strobe
transition is received. Whenever the device is in standby, the signal is HI-Z. DQS is intended to enable an
external data switch. QFC can be enabled or disabled through EMRS control.
QFC timing on Read operation
QFC on reads is enabled coincident with the start of DQS preamble, and disabled coincident with the end
of DQS postamble
Figure 26. QFC timing on read operation
Command
2
01
5
34
8
67
Read
Dout 0
Dout 1
Hi-Z
DQS
DQ’S
QFC
tQPRE
tQPST
CL = 2, BL = 2
CK
CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com