Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V58C2256404S Arkusz danych(PDF) 4 Page - Mosel Vitelic, Corp

Numer części V58C2256404S
Szczegółowy opis  HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSEL [Mosel Vitelic, Corp]
Strona internetowa  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2256404S Arkusz danych(HTML) 4 Page - Mosel Vitelic, Corp

  V58C2256404S Datasheet HTML 1Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 2Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 3Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 4Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 5Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 6Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 7Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 8Page - Mosel Vitelic, Corp V58C2256404S Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
MOSEL VITELIC
V58C2256(804/404/164)S
4
V58C2256(804/404/164)S Rev. 1.4 October 2002
Block Diagram
Row decoder
Memory array
Bank 0
8192 x 1024
x 8
Row decoder
Memory array
Bank 1
Row decoder
Memory array
Bank 2
Row decoder
Memory array
Bank 3
Input buffer
Output buffer
DQ0-DQ3
Column address
counter
Column address
buffer
Row address
buffer
Refresh Counter
A0 - A12, BA0, BA1
A0 - A9, A11, AP, BA0, BA1
Control logic & timing generator
Row Addresses
Column Addresses
DLL
Strobe
Gen.
Data Strobe
CK, CK
DQS
8192 x 1024
x 8
8192 x 1024
x 8
8192 x 1024
x 8
64M x 4
V
58
C
2 256(80/40/16) 4
S
X T XX
DDR SDRAM
CMOS
2.5V
256Mb, 8K Refresh
4 Banks
COMPONENT
REV LEVEL A=0.14u
COMPONENT
PACKAGE, T = TSOP S=SOC BGA
SSTL
SPEED
MOSEL VITELIC
MANUFACTURED
6 (133MHz@CL2.5))
75(133MHz@CL2.5)
x8, x4, x16
8 (125MHz@CL2.5)
7 (143MHz@CL2.5))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com