| Zakładka z wyszukiwarką danych komponentów |
|
DS83C323-MCD Arkusz danych(PDF) 71 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS83C323-MCD Arkusz danych(HTML) 71 Page - Dallas Semiconductor |
|
71 / 175 page ![]() High-Speed Microcontroller User’s Guide 71 of 175 TWO CYCLE INSTRUCTION TIMING Figure 5-4 Example: ANL A, direct: 55h addr7-0 *Shaded areas are held in a weak latch on the port until overdriven. THREE CYCLE INSTRUCTIONS Three cycle instructions come in two varieties. The first requires three memory accesses. These are similar to one and two cycle instructions in that the number of bytes equals the number of cycles. The second variety is a three cycle instruction that simply requires 12 clocks to perform the function. This may have one or two bytes. Examples of both types are shown below. ANL direct, #data 53h (3 bytes) a 7–a 0 d7–d0 SJMP rel 80h (2 bytes) a 7–a 0 INC DPTR A3h (1 byte) In the first example, the first memory fetch is the opcode. The second is the location of the destination register. The third memory fetch is the operand that is used by the instruction. This instruction has three memory accesses, so it requires three machine cycles. The second example has the operand in the first byte and the jump location in the second. It requires three cycles to actually perform the jump. The third example contains simply the opcode, which is one byte. This instruction involves the manipulation of a 16-bit register so it takes longer than 8-bit operations. Figure 5-5 shows the timing of all three types of three cycle instructions. CLK ALE PSEN AD0- POR A7-0 PIC C3 C1 C2 C4 C3 C1 C2 C4 RETURN DATA ADDRESS A15-A8 INSTRUCTION FETCH OPERAND FETCH ADDRESS A15-A8 A7-0 PC+1 RETURN DATA OPER AND ADDRESS 7-0 |