| Zakładka z wyszukiwarką danych komponentów |
|
DS83C323-MCD Arkusz danych(PDF) 28 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS83C323-MCD Arkusz danych(HTML) 28 Page - Dallas Semiconductor |
|
28 / 175 page ![]() High-Speed Microcontroller User’s Guide 28 of 175 External Interrupt Flag (EXIF) 7 6 5 4 3 2 1 0 SFR 91h IE5 IE4 IE3 IE2 XT/ RG RGMD RGSL BGS RW-0 RW-0 RW-0 RW-0 RW-* R-* RW-* RT-0 R=Unrestricted Read, W=Unrestricted Write, T=Timed Access Write Only-n=Value after Reset, *=See description IE5 Bit 7 External Interrupt 5 Flag. This bit will be set when a falling edge is detected on INT5 . This bit must be cleared manually by software. Setting this bit in software will cause an interrupt if enabled. IE4 Bit 6 External Interrupt 4 Flag. This bit will be set when a rising edge is detected on INT4. This bit must be cleared manually by software. Setting this bit in software will cause an interrupt if enabled. IE3 Bit 5 External Interrupt 3 Flag. This bit will be set when a falling edge is detected on INT3 . This bit must be cleared manually by software. Setting this bit in software will cause an interrupt if enabled. IE2 Bit 4 External Interrupt 2 Flag. This bit will be set when a rising edge is detected on INT2. This bit must be cleared manually by software. Setting this bit in software will cause an interrupt if enabled. XT/ RG Bit 3 Crystal/Ring Source Select. This bit selects the crystal oscillator or ring oscillator as the desired clock source. This bit will be the inverse of RGMD except during the crystal warm-up period when executing a ring oscillator resume from Stop. XTUP (STATUS.4) must be set to 1 and XTOFF (PMR.3) must be cleared to 0 before this bit can be set. Attempts to modify this bit when these conditions are not met will be ignored. This bit must be cleared before XTOFF can be set to 1. This bit is set to 1 after a power-on reset, and unchanged by all other forms of reset. This bit is not used on the DS80C310 or DS80C320 and will be 1 when read. 0 = The ring oscillator is selected as the clock source. This setting is unaffected by XTUP (STATUS.4) and XTOFF (PMR.3). 1 = The crystal oscillator is selected as the clock source. This setting is invalid unless XTUP=1 and XTOFF=0. RGMD Bit 2 Ring Mode Status. This bit indicates the current clock source for the device. This bit is cleared to 0 after a power-on reset, and unchanged by all other forms of reset. The state of this bit will be undefined on devices which do not incorporate a ring oscillator. 0 = Device is operating from the external crystal or oscillator. 1 = Device is operating from the ring oscillator. |