| Zakładka z wyszukiwarką danych komponentów |
|
T80C5112-RKREL Arkusz danych(PDF) 63 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T80C5112-RKREL Arkusz danych(HTML) 63 Page - ATMEL Corporation |
|
63 / 97 page ![]() Rev. B - November 10, 2000 63 Preliminary T80C5112 Reset Value=X000 0000b Table 36. ADCLK Register ADCLK (S:F2h) ADC Clock Prescaler Reset Value: 0000 0000b Table 37. ADDH Register ADDH (S:F5h Read Only) ADC Data High byte register Read only register Reset Value: 00h 5 ADEN Enable/Standby Mode Set to enable ADC. Clear for Standby mode (power dissipation 1 uW). 4 ADEOC End Of Conversion Set by hardware when ADC result is ready to be read. This flag can generate an interrupt. Must be cleared by software. 3 ADSST Start and Status Set to start an A/D conversion. Cleared by hardware after completion of the conversion. 2-0 SCH2:0 Selection of channel to convert see Table 34. 7 6 5 4 3 2 1 0 SELREF PRS 6 PRS 5 PRS 4 PRS 3 PRS 2 PRS 1 PRS 0 Bit Number Bit Mnemonic Description 7 SELREF Selection and activation of the internal 2.4V voltage reference Set to enable the internal voltage reference. Clear to disable the internal voltage reference. 6-0 PRS6:0 Clock Prescaler fCONV_CK =fCkADC / (2 * PRS) if PRS=0, fCONV_CK =fCkADC / 256 7 6 5 4 3 2 1 0 ADAT 9 ADAT 8 ADAT 7 ADAT 6 ADAT 5 ADAT 4 ADAT 3 ADAT 2 Bit Number Bit Mnemonic Description 7-0 ADAT9:2 ADC result bits 9-2 Bit Number Bit Mnemonic Description |