| Zakładka z wyszukiwarką danych komponentów |
|
T80C5112-RKREL Arkusz danych(PDF) 65 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T80C5112-RKREL Arkusz danych(HTML) 65 Page - ATMEL Corporation |
|
65 / 97 page ![]() Rev. B - November 10, 2000 65 Preliminary T80C5112 15. Interrupt System The T80C5112 has a total of 8 interrupt vectors: two external interrupts (INT0 and INT1), two timer interrupts (timers 0, 1), serial port interrupt, PCA, SPI and A/D. These interrupts are shown in Figure 32.. Figure 32. Interrupt Control System Each of the interrupt sources can be individually enabled or disabled by setting or clearing a bit in the Interrupt Enable register (See Table 42.). This register also contains a global disable bit, which must be cleared to disable all interrupts at once. Each interrupt source can also be individually programmed to one of four priority levels by setting or clearing a bit in the Interrupt Priority register (See Table 44.) and in the Interrupt Priority High register (See Table 46.). Table 40. shows the bit values and priority levels associated with each combination. IE1 0 3 High priority interrupt Interrupt polling sequence Low priority interrupt Global disable Individual enable TI RI TF0 INT0 INT1 TF1 IPH, IP IE0 0 3 0 3 0 3 0 3 0 3 NC SPI 0 3 ADC 0 3 0 3 CF CCFx PCA |