| Zakładka z wyszukiwarką danych komponentów |
|
STE2007 Arkusz danych(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007 Arkusz danych(HTML) 53 Page - STMicroelectronics |
|
53 / 62 page ![]() STE2007 Commands 53/62 8.18 Temperature Compensation Its is possible to select different VLCD temperature compensation Coefficients. Table 42. VLCD Temperature Compensation Temperature Compensation Formula: VLCD(T) = VLCD(TA) · [1 + (T(°C) - TA) · TC] TC = Temperature Compensation Coefficients T(°C) = Temperature VLCD(TA) = LCD Voltage at TA Temperature (Room Temperature) Table 43. TC 8.19 Charge Pump Multiplication Factor It is possible to select different Charge Pump Multiplication Factors. Table 44. Charge Pump Setting (D/C) D7 D6D5D4D3 D2D1D0 HEX Function 0 00111 000 38 Command Identifier 0 **** * Thermal Compensation TC Data Field TC2 TC1 TC0 TC Value 000 TC= 0 PPM 001 TC= -300 PPM 010 TC= -600 PPM 011 TC= -900 PPM 100 TC= -1070 PPM 101 TC= -1200 PPM 110 TC= -1500 PPM 111 TC= -1800 PPM (D/C) D7 D6 D5 D4 D3 D2 D1 D0 HEX Function 0 0 0 1 1 1 1 0 1 3D Command Identifier 0 * ** *** CP1 CP0 Data Field |