| Zakładka z wyszukiwarką danych komponentów |
|
STE2007 Arkusz danych(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007 Arkusz danych(HTML) 51 Page - STMicroelectronics |
|
51 / 62 page ![]() STE2007 Commands 51/62 8.14 Reset When this command is issued, the driver is initialized.This command doesn’t change DDRAM content. Table 36. Reset 8.15 NOP Non–operation command. Table 37. NOP 8.16 Image Location Image Location Command Table 38. Image Location Table 39. Image Location (D/C) D7 D6 D5 D4 D3 D2 D1 D0 HEX Function 0 111 00 010 E2 Command Identifier (D/C) D7 D6 D5 D4 D3 D2 D1 D0 HEX Function 0 111 00 011 E3 Command Identifier (D/C) D7 D6 D5 D4 D3 D2 D1 D0 HEX Function 0 101 01 100 AC Command Identifier 0 * ** ** IL2 IL1 IL0 Data Field IL2 IL1 IL0 Function 0 0 0 0 Lines 0 0 1 8 Lines 0 1 0 16 Lines 0 1 1 24 Lines 1 0 0 32 Lines 1 0 1 48 Lines 1 1 0 56 Lines 1 1 1 64 Lines |