| Zakładka z wyszukiwarką danych komponentów |
|
L6566ATR Arkusz danych(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6566ATR Arkusz danych(HTML) 41 Page - STMicroelectronics |
|
41 / 51 page ![]() L6566A Application information 41/51 5.14 Summary of L6566A power management functions It has been seen that the device is provided with a number of power management functions: multiple operating mode upon loading conditions, protection functions, as well as interaction with the PFC pre-regulator. To help the designer familiarize with these functions, in the following tables all of theme are summarized with their respective activation mechanism and the resulting status of the most important pins. This can be useful not only for a correct use of the IC but also for diagnostic purposes: especially at prototyping/debugging stage, it is quite common to bump into unwanted activation of some function, and these tables can be used as a sort of quick troubleshooting guide. Table 5. L6566A light load management features Feature Description Caused by IC behavior Vcc_restart (V) Consump. (Iqdis,mA) VREF (V) SS VCOMP (V) OSC (V) FMOD Burst mode Controlled ON-OFF operation for low power consumption at light load VCOMP < VCOMPBM - Hys Pulse skipping operation N.A. 1.34mA 5 unchanged VCOMPBM- HYS to VCOMPBM 0/1 0 PFC manage ment PFC off at light load, on at heavy load VCOMP < VCOMPO VCC_PFC = 0 N.A. 5 unchanged unchanged 1 0 VCOMP < VCOMPL VCC_PFC = VCC VCC |