Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUL805 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części BUL805
Szczegółowy opis  High voltage fast-switching NPN power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL805 Arkusz danych(HTML) 5 Page - STMicroelectronics

  BUL805 Datasheet HTML 1Page - STMicroelectronics BUL805 Datasheet HTML 2Page - STMicroelectronics BUL805 Datasheet HTML 3Page - STMicroelectronics BUL805 Datasheet HTML 4Page - STMicroelectronics BUL805 Datasheet HTML 5Page - STMicroelectronics BUL805 Datasheet HTML 6Page - STMicroelectronics BUL805 Datasheet HTML 7Page - STMicroelectronics BUL805 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUL805
Package mechanical data
5/8
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8