| Zakładka z wyszukiwarką danych komponentów |
|
STS6PF30L Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STS6PF30L Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() STS6PF30L 2/8 THERMAL DATA ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified) OFF ON (*) DYNAMIC Rthj-amb Tj Tstg Thermal Resistance Junction-ambient Maximum Lead Temperature For Soldering Purpose storage temperature Max Typ 50 150 -55 to 150 °C/W °C °C Symbol Parameter Test Conditions Min. Typ. Max. Unit V(BR)DSS Drain-source Breakdown Voltage ID = 250 µA, VGS = 0 30 V IDSS Zero Gate Voltage Drain Current (VGS = 0) VDS = Max Rating VDS = Max Rating TC = 125°C 1 10 µA µA IGSS Gate-body Leakage Current (VDS = 0) VGS = ± 16 V ±100 nA Symbol Parameter Test Conditions Min. Typ. Max. Unit VGS(th) Gate Threshold Voltage VDS = VGS ID = 250 µA 1 1.6 2.5 V RDS(on) Static Drain-source On Resistance VGS = 10 V ID = 3 A VGS = 5 V ID = 3 A 0.027 0.034 0.030 0.042 Ω Ω Symbol Parameter Test Conditions Min. Typ. Max. Unit gfs (*) Forward Transconductance VDS=10 V ID=3 A 12 S Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25V, f = 1 MHz, VGS = 0 1670 345 120 pF pF pF |