| Zakładka z wyszukiwarką danych komponentów |
|
HD4046212RFS Arkusz danych(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD4046212RFS Arkusz danych(HTML) 69 Page - Renesas Technology Corp |
|
69 / 157 page ![]() HD404629R Series 67 The upper digit (TRBU) must be read first. At this time, the count of the timer B upper digit is obtained, and the count of the timer B lower digit is latched to the lower digit (TRBL). After this, by reading TRBL, the count of timer B when TRBU is read can be obtained. Bit Initial value Read/Write Bit name 3 Undefined R TRBL3 2 Undefined R TRBL2 0 Undefined R TRBL0 1 Undefined R TRBL1 Timer read register B (lower digit) (TRBL: $00A) Figure 51 Timer Read Register B Lower Digit (TRBL) Bit Initial value Read/Write Bit name 3 Undefined R TRBU3 2 Undefined R TRBU2 0 Undefined R TRBU0 1 Undefined R TRBU1 Timer read register B (upper digit) (TRBU: $00B) Figure 52 Timer Read Register B Upper Digit (TRBU) • Port mode register C (PMRC: $025): Write-only register that selects R1 3/EVNB pin function as shown in figure 53. It is reset to $0 by MCU reset. Bit Initial value Read/Write Bit name 3 0 W PMRC3 2 0 W PMRC2 0 0 W PMRC0 1 0 W PMRC1 PMRC1 0 1 R20/EVND mode selection R20 EVND Port mode register C (PMRC: $025) PMRC0 0 1 R13/EVNB mode selection R13 EVNB PMRC3 0 1 D11/INT0 mode selection D11 INT0 PMRC2 0 1 D10/STOPC mode selection D10 STOPC Figure 53 Port Mode Register C (PMRC) |