| Zakładka z wyszukiwarką danych komponentów |
|
HD4046212RFS Arkusz danych(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD4046212RFS Arkusz danych(HTML) 84 Page - Renesas Technology Corp |
|
84 / 157 page ![]() HD404629R Series 82 Serial Interfaces The serial interface serially transfers and receives 8-bit data, and includes the following features. • Multiple transmit clock sources External clock Internal prescaler output clock System clock • Output level control in idle states Five registers, an octal counter, and a multiplexer are also configured for the serial interface as follows. Serial data register (SRL: $006, SRU: $007) Serial mode register A (SMRA: $005) Serial mode register B (SMRB: $028) Miscellaneous register (MIS: $00C) Octal counter (OC) Selector The block diagram of the serial interface is shown in figure 70. |