Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STW60NE10 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STW60NE10
Szczegółowy opis  N - CHANNEL 100V - 0.016ohm - 60A TO-247 STripFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW60NE10 Arkusz danych(HTML) 1 Page - STMicroelectronics

  STW60NE10 Datasheet HTML 1Page - STMicroelectronics STW60NE10 Datasheet HTML 2Page - STMicroelectronics STW60NE10 Datasheet HTML 3Page - STMicroelectronics STW60NE10 Datasheet HTML 4Page - STMicroelectronics STW60NE10 Datasheet HTML 5Page - STMicroelectronics STW60NE10 Datasheet HTML 6Page - STMicroelectronics STW60NE10 Datasheet HTML 7Page - STMicroelectronics STW60NE10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STW60NE10
N - CHANNEL 100V - 0.016
Ω - 60A TO-247
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.016
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based
process. The resulting
transistor shows extremely high packing density
for
low
on-resistance,
rugged
avalanche
characteristics and less critical alignment steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc.)
®
INTERNAL SCHEMATIC DIAGRAM
June 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
100
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC60
A
ID
Drain Current (continuous) at Tc =100
oC42
A
IDM (
•)
Drain Current (pulsed)
240
A
Ptot
T otal Dissipat ion at Tc =25
oC
180
W
Derating Factor
1.2
W /
o C
dv/dt (1)
Peak Diode Recovery voltage slope
9
V/ns
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
175
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤60 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STW 60NE10
100 V
<0.022
Ω
60 A
1
2
3
TO-247
1/8


Podobny numer części - STW60NE10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
STW60NE10 ISC-STW60NE10 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Podobny opis - STW60NE10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP50NE10L STMICROELECTRONICS-STP50NE10L Datasheet
86Kb / 8P
N - CHANNEL 100V - 0.020ohm - 50A TO-220 STripFET POWER MOSFET
May-1999
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NE10 STMICROELECTRONICS-STP60NE10 Datasheet
108Kb / 9P
N - CHANNEL 100V - 0.016W - 60A TO-220/TO-220FP STripFET] POWER MOSFET
May-1999
STW80NE06-10 STMICROELECTRONICS-STW80NE06-10 Datasheet
82Kb / 8P
N - CHANNEL 60V - 0.0085ohm - 80A - TO-247 STripFET POWER MOSFET
Jul-1998
STW80NF10 STMICROELECTRONICS-STW80NF10 Datasheet
251Kb / 8P
N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2001
STW80NF55-06 STMICROELECTRONICS-STW80NF55-06 Datasheet
114Kb / 6P
N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFET™ II POWER MOSFET
Oct-2001
STW80NF55-08 STMICROELECTRONICS-STW80NF55-08 Datasheet
277Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET™ POWER MOSFET
Sep-2002
STW240NF55 STMICROELECTRONICS-STW240NF55 Datasheet
265Kb / 8P
N-CHANNEL 55V - 0.0027 ??- 120A TO-247 STripFET??II POWER MOSFET
May-2004
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
N-channel 100V - 0.021??- 50A TO-220 STripFET™Power MOSFET
Apr-1999
STW220NF75 STMICROELECTRONICS-STW220NF75 Datasheet
526Kb / 8P
N-CHANNEL 75V - 0.004OHM - 120A TO-247 STripFET II POWER MOSFET
May-2003
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com