| Zakładka z wyszukiwarką danych komponentów |
|
M16C/29 Arkusz danych(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 Arkusz danych(HTML) 95 Page - Renesas Technology Corp |
|
95 / 499 page ![]() 9. Interrupts p u o r G 9 2 / C 6 1 M page 71 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R 9.1.1 Software Interrupts A software interrupt occurs when executing certain instructions. Software interrupts are non-maskable interrupts. 9.1.1.1 Undefined Instruction Interrupt An undefined instruction interrupt occurs when executing the UND instruction. 9.1.1.2 Overflow Interrupt An overflow interrupt occurs when executing the INTO instruction with the O flag set to 1 (the opera- tion resulted in an overflow). The following are instructions whose O flag changes by arithmetic: ABS, ADC, ADCF, ADD, CMP, DIV, DIVU, DIVX, NEG, RMPA, SBB, SHA, SUB 9.1.1.3 BRK Interrupt A BRK interrupt occurs when executing the BRK instruction. 9.1.1.4 INT Instruction Interrupt An INT instruction interrupt occurs when executing the INT instruction. Software interrupt Nos. 0 to 63 can be specified for the INT instruction. Because software interrupt Nos. 1 to 31 are assigned to peripheral function interrupts, the same interrupt routine as for peripheral function interrupts can be executed by executing the INT instruction. In software interrupt Nos. 0 to 31, the U flag is saved to the stack during instruction execution and is cleared to 0 (ISP selected) before executing an interrupt sequence. The U flag is restored from the stack when returning from the interrupt routine. In software interrupt Nos. 32 to 63, the U flag does not change state during instruction execution, and the SP then selected is used. |