| Zakładka z wyszukiwarką danych komponentów |
|
H8SX1663 Arkusz danych(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Arkusz danych(HTML) 33 Page - Renesas Technology Corp |
|
33 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page xxxiii of x lii Figure 6.93 Example of Idle Cycle Operation (Write after Single Address Transfer Write)...... 296 Figure 6.94 Idle Cycle Insertion Example .................................................................................. 297 Figure 6.95 Relationship between Chip Select ( CS) and Read (RD)..........................................298 Figure 6.96 Example of DRAM Full Access after External Read (CAST = 0) .......................... 299 Figure 6.97 Example of SDRAM Full Access after External Read (CAS Latency = 2) ............ 300 Figure 6.98 Example of Idle Cycles in RAS Down Mode (Write after Read)............................ 301 Figure 6.99 Bus Released State Transition Timing (SRAM Interface is Not Used)................... 306 Figure 6.100 Bus Released State Transition Timing (SRAM Interface is Used)........................ 307 Figure 6.101 Example of Timing when Write Data Buffer Function is Used ............................ 309 Figure 6.102 Example of Timing when Peripheral Module Write Data Buffer Function is Used ..................................................................... 310 Section 7 DMA Controller (DMAC) Figure 7.1 Block Diagram of DMAC ......................................................................................... 319 Figure 7.2 Example of Signal Timing in Dual Address Mode.................................................... 344 Figure 7.3 Operations in Dual Address Mode ............................................................................ 344 Figure 7.4 Data Flow in Single Address Mode........................................................................... 345 Figure 7.5 Example of Signal Timing in Single Address Mode ................................................. 346 Figure 7.6 Operations in Single Address Mode.......................................................................... 346 Figure 7.7 Example of Signal Timing in Normal Transfer Mode............................................... 347 Figure 7.8 Operations in Normal Transfer Mode ....................................................................... 348 Figure 7.9 Operations in Repeat Transfer Mode......................................................................... 349 Figure 7.10 Operations in Block Transfer Mode ........................................................................ 350 Figure 7.11 Operation in Single Address Mode in Block Transfer Mode (Block Area Specified) ........................................................................................... 350 Figure 7.12 Operation in Dual Address Mode in Block Transfer Mode (Block Area Not Specified) .................................................................................... 351 Figure 7.13 Example of Timing in Cycle Stealing Mode ........................................................... 355 Figure 7.14 Example of Timing in Burst Mode.......................................................................... 355 Figure 7.15 Example of Extended Repeat Area Operation......................................................... 357 Figure 7.16 Example of Extended Repeat Area Function in Block Transfer Mode ................... 358 Figure 7.17 Address Update Method .......................................................................................... 359 Figure 7.18 Operation of Offset Addition................................................................................... 360 Figure 7.19 XY Conversion Operation Using Offset Addition in Repeat Transfer Mode.......... 361 Figure 7.20 XY Conversion Flowchart Using Offset Addition in Repeat Transfer Mode ......... 362 Figure 7.21 Procedure for Changing Register Setting For Channel being Transferred .............. 366 Figure 7.22 Example of Timing for Channel Priority................................................................. 369 Figure 7.23 Example of Bus Timing of DMA Transfer.............................................................. 370 Figure 7.24 Example of Transfer in Normal Transfer Mode by Cycle Stealing......................... 371 Figure 7.25 Example of Transfer in Normal Transfer Mode by Cycle Stealing (Transfer Source DSAR = Odd Address and Source Address Increment).............. 372 |