| Zakładka z wyszukiwarką danych komponentów |
|
SH7713 Arkusz danych(PDF) 52 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Arkusz danych(HTML) 52 Page - Renesas Technology Corp |
|
52 / 904 page ![]() Section 1 Overview and Pin Function Rev.1.50 Aug. 30, 2006 Page 12 of 860 REJ09B0288-0150 Pin No. (FP-256G/GV) Pin No. (BP-256H/HV ) Pin Name I/O Description 60 T2 A8 O Address bus 61 T3 A9 O Address bus 62 U3 A10 O Address bus 63 V2 A11 O Address bus 64 Y1 A12 O Address bus 65 W2 A13 O Address bus 66 W3 A14 O Address bus 67 W4 A15 O Address bus 68 Y2 A16 O Address bus 69 W5 A17 O Address bus 70 V5 WE2(BE2)/DQMUL/ ICIORD O/O/O D23 to D16-select signal/DQM (SDRAM)/PCMCIA I/O read 71 Y3 WE3(BE3)/DQMUU/ ICIOWR O/O/O D31 to D24-select signal/DQM (SDRAM)/PCMCIA I/O write 72 V4 VccQ I/O power supply (3.3 V) 73 Y4 VssQ I/O power supply (0 V) 74 U5 D16 IO Data bus 75 W6 D17 IO Data bus 76 V6 D18 IO Data bus 77 Y5 D19 IO Data bus 78 U6 D20 IO Data bus 79 W7 D21 IO Data bus 80 V7 D22 IO Data bus 81 Y6 VccQ I/O power supply (3.3 V) 82 U7 VssQ I/O power supply (0 V) 83 W8 Vcc Internal power supply (1.5 V) 84 V8 Vss Internal power supply (0 V) 85 Y7 D23 IO Data bus 86 U8 D24 IO Data bus 87 Y8 D25 IO Data bus 88 V9 D26 IO Data bus |