| Zakładka z wyszukiwarką danych komponentów |
|
SH7713 Arkusz danych(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Arkusz danych(HTML) 63 Page - Renesas Technology Corp |
|
63 / 904 page ![]() Section 1 Overview and Pin Function Rev.1.50 Aug. 30, 2006 Page 23 of 860 REJ09B0288-0150 Classification Symbol I/O Name Function TCK I Test clock Test-clock input pin. TMS I Test mode select Inputs the test-mode select signal. TDI I Test data input Serial input pin for instructions and data. TDO O Test data output Serial output pin for instructions and data. User debugging interface (H-UDI) TRST I Test reset Initializing signal input pin. AUDATA3 to AUDATA0 O AUD data Data output pin in AUD trace mode. AUDCK O AUD clock Synchronous-clock output pin in AUD trace mode. Advanced user debugger (AUD) AUDSYNC O AUD synchronous signal Data start-position acknowledge- signal output pin in AUD trace mode. ASEBRKAK O Break mode acknowledge Indicates that the E10A emulator has entered its break mode. For the connection with the E10A, see the SH7712 E10A Emulator User's Manual (tentative title). E10A interface ASEMD0 I ASE mode Sets the ASE mode. VccQ-RTC I RTC oscillator power supply Power supply pin for the on-chip RTC VssQ-RTC I RTC oscillator ground Ground pin for the on-chip RTC EXTAL2 I RTC external clock Clock input pin for the on-chip RTC clock (32.768 MHz). For a connection example, refer to section 15, Realtime Clock (RTC). Realtime clock (RTC) XTAL2 O RTC crystal Clock output pin for the on-chip RTC clock (32.768 MHz). For a connection example, refer to section 15, Realtime Clock (RTC). |