| Zakładka z wyszukiwarką danych komponentów |
|
7733 Arkusz danych(PDF) 116 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Arkusz danych(HTML) 116 Page - Renesas Technology Corp |
|
116 / 940 page ![]() TIMER A 7733 Group User’s Manual 6–5 6.2.2 Count start flag This register is used to start or stop counting. Each bit of this register corresponds to each timer, respectively. Figure 6.2.2 shows the structure of the count start flag. 6.2 Block description Fig. 6.2.2 Structure of count start flag Bit 7 Timer B2 count start flag 6 Timer B1 count start flag 5 Timer B0 count start flag 4 Timer A4 count start flag 3 Timer A3 count start flag 2 Timer A2 count start flag 1 Timer A1 count start flag 0 Timer A0 count start flag Bit name At reset 0 0 0 0 0 0 0 0 RW Functions b7 b6 b5 b4 b3 b2 b1 b0 Count start flag (address 4016) 0: Counting is stopped. 1: Counting is started. represents that bits 7 to 5 are not used for timer A. RW RW RW RW RW RW RW RW |