Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9109 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części TDA9109
Szczegółowy opis  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Arkusz danych(HTML) 4 Page - STMicroelectronics

  TDA9109 Datasheet HTML 1Page - STMicroelectronics TDA9109 Datasheet HTML 2Page - STMicroelectronics TDA9109 Datasheet HTML 3Page - STMicroelectronics TDA9109 Datasheet HTML 4Page - STMicroelectronics TDA9109 Datasheet HTML 5Page - STMicroelectronics TDA9109 Datasheet HTML 6Page - STMicroelectronics TDA9109 Datasheet HTML 7Page - STMicroelectronics TDA9109 Datasheet HTML 8Page - STMicroelectronics TDA9109 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
QUICK REFERENCE DATA
Parameter
Value
Unit
Horizontal Frequency
15 to 150
kHz
Autosynch Frequency (for given R0 and C0)
1 to 4.5 f0
± Horizontal Sync Polarity Input
YES
Polarity Detection (on both Horizontal and Vertical Sections)
YES
TTL Composite Sync
YES
Lock/Unlock Identification (on both Horizontal 1st PLL and Vertical Section)
YES
I
2C Control for H-Position
± 10
%
XRAY Protection
YES
I
2C Horizontal Duty Fixed
48
%
I
2C Free Running Frequency Adjustment
NO
Stand-by Function
YES
Dual Polarity H-Drive Outputs
NO
Supply Voltage Monitoring
YES
PLL1 Inhibition Possibility
NO
Blanking Outputs
NO
Vertical Frequency
35 to 200
Hz
Vertical Autosync (for 150nF on Pin 22 and 470nF on Pin 20)
50 to 185
Hz
Vertical S-Correction
YES
Vertical C-Correction
YES
Vertical Amplitude Adjustment
YES
DC Breathing Control on Vertical Amplitude
YES
Vertical Position Adjustment
YES
East/West (E/W) Parabola Output (also known as Pin Cushion Output)
YES
E/W Correction Amplitude Adjustment
YES
Keystone Adjustment
YES
Corner Correction
YES
Internal Dynamic Horizontal Phase Control
YES
Side Pin Balance Amplitude Adjustment
YES
Parallelogram Adjustment
YES
Tracking of Geometric Corrections with Vertical Amplitude and Position
YES
Reference Voltage (both on Horizontal and Vertical)
YES
Vertical Dynamic Focus
YES
I
2C Horizontal Dynamic Focus Amplitude Adjustment
NO
I
2C Horizontal Dynamic Focus Symmetry Adjustment
NO
I
2C Vertical Dynamic Focus Amplitude Adjustment
YES
Detection of Input Sync Type
YES
Vertical Moiré Output
YES
Horizontal Moiré Output
YES
I
2C Controlled Moiré Amplitude
YES
Frequency Generator for Burn-in
YES
Fast I
2C Read/Write
400
kHz
B+ Regulation adjustable by I
2C
YES
B+ Soft Start
YES
TDA9109/SN
4/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30