| Zakładka z wyszukiwarką danych komponentów |
|
TS487 Arkusz danych(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS487 Arkusz danych(HTML) 27 Page - STMicroelectronics |
|
27 / 31 page ![]() TS486-TS487 27/31 APPLICATION NOTE: TS486/487 GENERAL DESCRIPTION TS486/487 is a family of dual audio amplifiers able to drive 16 Ω or 32Ω headsets. Working in the 2V to 5.5V supply voltage range, they deliver 100mW at 5V and 12mW at 2V in a 16 Ω load. An internal output current limitation, offers protection against short-circuits at the output over a limited time period. Fixed gain versions of the TS486 and TS487 including the feedback resistor and the input resistors are also proposed to reduce the number of external parts. The TS486 and TS487 exhibit a low quiescent current of typically 1.8mA, allowing usage in portable applications. The standby mode is selected using the SHUTDOWN input. For TS486 (respectively TS487), the device is in sleep mode when PIN 5 is connected at GND (resp. VCC). GAIN SETTING The gain of each inverter amplifier of the TS486 and TS487 is set by the resistors RIN and RFEED. GainLINEAR = -(RFEED/RIN) GaindB = 20 Log(RFEED/RIN) Fixed gain versions TS486-n and TS487-n including RIN and RFEED are proposed to reduce external parts. LOW FREQUENCY ROLL-OFF WITH INPUT CAPACITORS The low roll-off frequency of the headphone amplifiers depends on the input capacitors CIN1 and CIN2 and the input resistors RIN1 and RIN2. The CIN capacitor in series with the input resistor RIN of the amplifier is equivalent to a first order high pass filter. Assuming that Fmin is the lowest frequency to be amplified (with a 3dB attenuation), the minimum value of CIN is: CIN > 1 / (2*π*Fmin*RIN ) The following curve gives directly the low frequency roll-off versus the input capacitor CIN |