| Zakładka z wyszukiwarką danych komponentów |
|
TS487 Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS487 Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 31 page ![]() TS486-TS487 28/31 and for various values of the input resistor RIN . The input resistance of the fixed gain version is typically 20k Ω. The following curve shows the limits of the roll off frequency depending on the min. and max. values of Rin: LOW FREQUENCY ROLL OFF WITH OUTPUT CAPACITORS The DC voltage on the outputs of the TS486/487 is blocked by the output capacitors COUT1 and COUT2 . Each output capacitor COUT in series with the resistance of the load RL is equivalent to a first order high pass filter. Assuming that Fmin is the lowest frequency to be amplified (with a 3dB attenuation), the minimum value of COUT is: COUT > 1 / (2*π*Fmin*RL) The following curve gives directly the low roll-off frequency versus the output capacitor COUT in µF and for the two typical 16 Ω and 32Ω impedances: DECOUPLING CAPACITOR CB The internal bias voltage at Vcc/2 is decoupled with the external capacitor CB. The TS486 and TS487 have a specified Power Supply Rejection Ratio parameter with CB = 1µF. A higher value of CB improves the PSRR, for example, a 4.7µF improves the PSRR by 15dB at 200Hz (please, refer to fig. 76 "PSRR vs Bypass Capacitor"). POP PRECAUTIONS Generally headphones are connected using a connector as a jack. To prevent a pop in the headphones when plugged in the jack, a resistor should be connected in parallel with each headphone output. This allows the capacitors Cout to be charged even when no headphone is plugged. A resistor of 1 k Ω is high enough to be a negligible load, and low enough to charge the capacitors Cout in less than one second. 0.01 0.1 1 10 1 10 100 1000 Rin = 100k Ω Rin = 20k Ω and fixed gain versions Rin = 10k Ω Rin = 1k Ω Cin (µF) Ω Ω Ω 10 100 1000 10000 1 10 100 1000 RL = 16 Ω RL = 32 Ω C OUT ( F) |