Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68HC901CP4 Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części TS68HC901CP4
Szczegółowy opis  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901CP4 Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button TS68HC901CP4 Datasheet HTML 12Page - STMicroelectronics TS68HC901CP4 Datasheet HTML 13Page - STMicroelectronics TS68HC901CP4 Datasheet HTML 14Page - STMicroelectronics TS68HC901CP4 Datasheet HTML 15Page - STMicroelectronics TS68HC901CP4 Datasheet HTML 16Page - STMicroelectronics TS68HC901CP4 Datasheet HTML 17Page - STMicroelectronics TS68HC901CP4 Datasheet HTML 18Page - STMicroelectronics TS68HC901CP4 Datasheet HTML 19Page - STMicroelectronics TS68HC901CP4 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
7
ACTIVE EDGE REGISTER
0
AER
(03h)
GPIP7
GPIP6
GPIP5
GPIP4
GPIP3
GPIP2
GPIP1
GPIP0
1 = RISING
2 = FALLING
DATA DIRECTION REGISTER
DDR
(05h)
GPIP7
GPIP6
GPIP5
GPIP4
GPIP3
GPIP2
GPIP1
GPIP0
1 = OUTPUT
2 = INPUT
GENERAL PURPOSE I/O DATA REGISTER
GPIP
(01h)
GPIP7
GPIP6
GPIP5
GPIP4
GPIP3
GPIP2
GPIP1
GPIP0
Figure 11 :
Note
The transition detector is an exclusive-OR gate
whose inputs are the edge bit and the input buffer.
As a result, writing the EAR may cause an interrupt-
producing transition, depending upon the state of
the input. So, the AER should be configured before
enabling interrupts via the interrupt enable registers
(IERA and IERB). Also, changing the edge bit while
interrupts are enabled may cause an interrupt on the
corresponding channel.
DATA DIRECTION REGISTER
The data direction register (DDR) allows the pro-
grammer to define I0 through I7 as inputs or outputs
by writing the corresponding bit. When a bit of the
data direction register is written as a zero, the cor-
responding interrupt I/O pin will be a high-impe-
dance input. Writing a one to any bit of the data di-
rection register will cause the corresponding pin to
be configured as a push-pull output.
®
TS68HC901
16/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com