| Zakładka z wyszukiwarką danych komponentów |
|
TS68HC901CP4 Arkusz danych(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS68HC901CP4 Arkusz danych(HTML) 18 Page - STMicroelectronics |
|
18 / 42 page ![]() in the pulse width measurement mode is shown in Figure 12. The pulse width measurement mode functions simi- larly to the delay mode, with the auxiliary control si- gnal acting as an enable to the timer. When the control signal is active, the prescaler and main coun- ter are allowed to operate. When the control signal is negated, the timer is stopped. So, the width of the active pulse on TAI or TBI is measured by the num- ber of timer counts which occur while the timer is al- lowed to operate. The active state of the auxiliary input line is defined by the associated interrupt channel’s edge bit in the active edge register (AER). GPIP4 of the AER is the edge bit associated with TAI and GPIP3 is associa- ted with TBI. When the edge bit is a one, the auxiliary input will be active high, enabling the timer while the input signal is at a high level. If the edge bit is low, the auxiliary input will be active low and the timer will operate while the input signal is at a low level. The state of the active edge bit also specifies whe- ther a zero-to-one transition or a one-to-zero trans- ition of the auxiliary input pin will produce an interrupt when the interrupt channel is enabled. In normal o- peration, programming the active edge bit to a one will produce an interrupt on the zero-to-one trans- ition of the associated input signal. Alternately, pro- gramming the edge bit to a zero will produce an in- terrupt on the one-to-zero transition of the input si- gnal. However, in the pulse width measurement mode, the interrupt generated by a transition on TAI or TBI will occur on the opposite transition as that normally defined by the edge bit. For example, in the pulse width measurement mode, if the edge bit is a one, the timer will be allo- wed to run while the auxiliary input TAI is high. When TAI transitions from high to low, the timer will stop and, if the interrupt channel is enabled, an interrupt will occur. By having the interrupt occur on the one- to-zero transition instead of the zero-to-one trans- ition, the processor will be interrupted when the pulse being measured has terminated and the width of the pulse is available from the timer. Therefore, the timers act like a divide-by-prescaler that can be programmed by the timer data register and the ti- mer’s A and B control register. After reading the contents of the timer, the main counter must be reinitialized by writing to the timer data register to allow consecutive pulses to be mea- sured. If the timer is written after the auxiliary input signal is active, the timer will count from the previous contents of the timer data register until it counts through 01 (hexadecimal). At the time, the main counter is loaded with the value from the timer data register, a time out pulse is generated which will tog- Figure 12 : ® TS68HC901 18/42 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |