| Zakładka z wyszukiwarką danych komponentów |
|
MPC8313ECVRGDDB Arkusz danych(PDF) 31 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313ECVRGDDB Arkusz danych(HTML) 31 Page - Freescale Semiconductor, Inc |
|
31 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 Freescale Semiconductor 31 Ethernet: Three-Speed Ethernet, MII Management 8.3.4.1 SGMII Transmit AC Timing Specifications Table 34 provides the SGMII transmit AC timing targets. A source synchronous clock is not provided. 8.3.4.2 SGMII Receive AC Timing Specifications Table 35 provides the SGMII receive AC timing specifications. Source synchronous clocking is not supported. Clock is recovered from the data. Figure 17 shows the SGMII receiver input compliance mask eye diagram. Table 34. SGMII Transmit AC Timing Specifications At recommended operating conditions with XCOREVDD = 1.0 V ± 5%. Parameter Symbol Min Typ Max Unit Notes Deterministic jitter JD — — 0.17 UI p-p Total jitter JT — — 0.35 UI p-p Unit interval UI 799.92 800 800.08 ps 1 VOD fall time (80%–20%) tfall 50 — 120 ps VOD rise time (20%–80%) trise 50 — 120 ps Note: 1. Each UI is 800 ps ± 100 ppm. Table 35. SGMII Receive AC Timing Specifications At recommended operating conditions with XCOREVDD = 1.0 V ± 5%. Parameter Symbol Min Typ Max Unit Notes Deterministic jitter tolerance JD 0.37 — — UI p-p 1 Combined deterministic and random jitter tolerance JDR 0.55 — — UI p-p 1 Sinusoidal jitter tolerance JSIN 0.1 — — UI p-p 1 Total jitter tolerance JT 0.65 — — UI p-p 1 Bit error ratio BER — — 10–12 Unit interval UI 799.92 800 800.08 ps 2 AC coupling capacitor CTX 5— 200 nF 3 Notes: 1. Measured at receiver. 2. Each UI is 800 ps ± 100 ppm. 3. The external AC coupling capacitor is required. It is recommended to be placed near the device transmitter outputs. 4. Refer to the RapidIO™ 1x/4x LP Serial Physical Layer Specification, for interpretation of jitter specifications. |