| Zakładka z wyszukiwarką danych komponentów |
|
MPC8313ECVRGDDB Arkusz danych(PDF) 93 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313ECVRGDDB Arkusz danych(HTML) 93 Page - Freescale Semiconductor, Inc |
|
93 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 Freescale Semiconductor 93 System Design Information Figure 61. JTAG Interface Connection HRESET HRESET From Target Board Sources HRESET 13 SRESET SRESET SRESET NC NC 11 VDD_SENSE 6 1 5 15 2 k Ω 10 k Ω 10 k Ω NVDD NVDD NVDD CHKSTP_IN CHKSTP_IN 8 TMS TDO TDI TCK TMS TDO TDI TCK 9 1 3 4 TRST 7 16 2 10 12 (if any) 14 2 Notes: 2. Key location; pin 14 is not physically present on the COP header. NVDD NVDD 10 k Ω NVDD TRST 10 k Ω NVDD 10 k Ω 10 k Ω CHKSTP_OUT CHKSTP_OUT 3 13 9 5 1 6 10 15 11 7 16 12 8 4 KEY No pin COP Connector Physical Pin Out 1 2 NC PORESET PORESET 1. Some systems require power to be fed from the application board into the debugger repeater card via the COP header. In this case the resistor value for VDD_SENSE should be around 20 Ω. NC |